Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4825IP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4825IP
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4825IP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4825IP Datasheet HTML 1Page - Micro Linear Corporation ML4825IP Datasheet HTML 2Page - Micro Linear Corporation ML4825IP Datasheet HTML 3Page - Micro Linear Corporation ML4825IP Datasheet HTML 4Page - Micro Linear Corporation ML4825IP Datasheet HTML 5Page - Micro Linear Corporation ML4825IP Datasheet HTML 6Page - Micro Linear Corporation ML4825IP Datasheet HTML 7Page - Micro Linear Corporation ML4825IP Datasheet HTML 8Page - Micro Linear Corporation ML4825IP Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
May 1997
ML4825
*
High Frequency Power Supply Controller
GENERAL DESCRIPTION
The ML4825 High Frequency PWM Controller is an IC
controller optimized for use in Switch Mode Power
Supply designs running at frequencies to 1MHz.
Propagation delays are minimal through the comparators
and logic for reliable high frequency operation while slew
rate and bandwidth are maximized on the error amplifier.
This controller is designed to work in either voltage or
current mode and provides for input voltage feed forward.
A 1V threshold current limit comparator provides cycle-
by-cycle current limit while exceeding a 1.4V threshold
initiates a soft-start cycle. The soft start pin doubles as a
maximum duty cycle clamp. An under-voltage lockout
circuit with 800mV of hysteresis assures low startup
current and drives the outputs low.
This controller is similar in architecture and performance
to the UC1825 controller, however the ML4825 includes
many features not found on the 1825. These features are
set in
Italics.
BLOCK DIAGRAM (Pin configuration shown for 16-pin version)
*Some Packages Are Obsolete or End Of Life
+
+
–
RT
OUT A
E/A OUT
ILIM/SD
INV
SS
1.4V
1V
9
µA
V+
1V
R
POWER VC
POWER GND
P
4V
R
TF.F.
OSC
S
UNDER
VOLTAGE
LOCKOUT
INTERNAL
BIAS
Q
ENABLE
VREF
VREF GEN
9V
Q
Q
C
Q
S
RAMP
CT
CLOCK OUT
PWR VC
OUT B
PWR GND
VCC
SIGNAL GND
NI
5
6
7
4
13
11
14
10
15
12
3
2
1
9
8
+
–
+
–
–
+
–
+
–
+
+
–
1.5V VREF
16
COMP
ERROR
AMP
1.25V
FEATURES
s
Practical operation at switching frequencies to 1.0MHz
s
High current (2A peak) dual totem pole outputs
s
Wide bandwidth error amplifier
s
Fully latched logic with double pulse suppression
s
Pulse-by-pulse current limiting
s
Soft start and maximum duty cycle control
s
Under voltage lockout with hysteresis
s
Precision trimmed 5.1V bandgap reference
s
Pin compatible improved replacement for UC1825
s
Fast shut down path from current limit to outputs
s
Outputs preset to known condition after under voltage
lockout
s
Soft start latch ensures full soft start cycle
s
Outputs pull low for undervotage lockout


Similar Part No. - ML4825IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821 MICRO-LINEAR-ML4821 Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results

Similar Description - ML4825IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com