Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4828CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4828CS
Description  BiCMOS Phase Modulation/Soft Switching Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4828CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4828CS Datasheet HTML 1Page - Micro Linear Corporation ML4828CS Datasheet HTML 2Page - Micro Linear Corporation ML4828CS Datasheet HTML 3Page - Micro Linear Corporation ML4828CS Datasheet HTML 4Page - Micro Linear Corporation ML4828CS Datasheet HTML 5Page - Micro Linear Corporation ML4828CS Datasheet HTML 6Page - Micro Linear Corporation ML4828CS Datasheet HTML 7Page - Micro Linear Corporation ML4828CS Datasheet HTML 8Page - Micro Linear Corporation ML4828CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 1997
ML4828
*
BiCMOS Phase Modulation/Soft Switching Controller
1
GENERAL DESCRIPTION
The ML4828 is a complete BiCMOS phase modulation
control IC suitable for full bridge soft switching converters.
Unlike conventional PWM circuits, the phase modulation
technique allows for zero voltage switching (ZVS)
transitions and square wave drive across the transformer.
The IC modulates the phases of the two sides of the bridge
to control output power.
The ML4828 can be operated in either voltage or current
mode. Both cycle-by-cycle current limit, integrating fault
detection, and soft start reset are provided. The under-
voltage lockout circuit features a 1.5V hysteresis with a
low starting current to allow off-line start up with a bleed
resistor. A shutdown function powers down the IC, putting
it into a low quiescent state.
The circuit can be operated at frequencies up to 1MHz.
The ML4828 contains four high current CMOS outputs
which feature high slew rate with low cross conduction.
*Some Packages Are End Of Life
BLOCK DIAGRAM
FEATURES
s
5V BiCMOS for low power and high frequency
(1MHz) operation
s
Full bridge phase modulation zero voltage switching
circuit with independent programmable delay times
s
Current or voltage mode operation capability
s
Cycle-by-cycle current limiting with integrating fault
detection and restart delay
s
Can be externally synchronized
s
Four 3
Ω CMOS output drivers
s
Under-voltage lockout circuit with 1.5V hysteresis
8
–
+
DELAY B
DRIVER
DRIVER
DRIVER
+
–
2.5V REF
11
16 A2
15 B1
13 B2
–
+
ISS
IRST
FAULT
LOGIC
Q
Q
S
R
2
17
GND
1
RA
RB
5
VREF
EAO
RAMP
SS
RST
ILIM
SDN
DRIVER
DELAY A
A1
18
ΦMOD
ILIM
12
20
S
Q
R
Q
7
1.25V
2.5V
19
UVLO
10
9
EA+
EA–
–
+
SYNC RT
CT
OSC
T
Q
Q
6
4
3
14
VCC
ERROR
AMP
1V


Similar Part No. - ML4828CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821 MICRO-LINEAR-ML4821 Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results

Similar Description - ML4828CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
BiCMOS Advanced Phase Shift PWM Controller
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
Phase Modulation/Soft Switching Controller
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
Phase Modulation/Soft Switching Controller
logo
Texas Instruments
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com