Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4835 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4835
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4835 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4835 Datasheet HTML 1Page - Micro Linear Corporation ML4835 Datasheet HTML 2Page - Micro Linear Corporation ML4835 Datasheet HTML 3Page - Micro Linear Corporation ML4835 Datasheet HTML 4Page - Micro Linear Corporation ML4835 Datasheet HTML 5Page - Micro Linear Corporation ML4835 Datasheet HTML 6Page - Micro Linear Corporation ML4835 Datasheet HTML 7Page - Micro Linear Corporation ML4835 Datasheet HTML 8Page - Micro Linear Corporation ML4835 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ML4835
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................................. 65mA
Output Current, Source or Sink
(OUT A, OUT B, PFC OUT) DC ........................... 250mA
PIFB Input Voltage ............................................–3V to 2V
Maximum Forced Voltage
(PEAO, LEAO) ............................................ –0.3V to 7.7V
Maximum Forced Current
(PEAO, LEAO) ...................................................... ±20mA
Junction Temperature .............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 260ºC
Thermal Resistance (
qJA)
ML4835CP .......................................................... 65ºC/W
ML4835CS .......................................................... 80ºC/W
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = VCCZ –0.5V, RSET = 11.8kW, RT = 15.4kW, RT2 = 67.5kW, CT = 1.5nF,
TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LAMP CURRENT AMPLIFIER (LAMP FB, LEAO)
Input Bias Current
-0.3
-1.0
µA
Small Signal Transconductance
35
75
105
µ
Input Bias Voltage
-0.3
5.0
V
Output Low
LAMP FB = 3V, RL = ¥
0.2
0.4
V
Output High
LAMP FB = 2V, RL = ¥
7.1
7.5
V
Source Current
LAMP FB = 0V, LEAO = 6V
-80
-220
µA
Sink Current
LAMP FB = 5V, LEAO = 0.3V
80
220
µA
PFC VOLTAGE FEEDBACK AMPLIFIER ( PEAO, PVFB/OVP)
Input Bias Current
-0.3
-1.0
µA
Small Signal Transconductance
35
75
105
µ
Input Bias Voltage
-0.3
5.0
V
Output Low
PVFB = 3V, RL = ¥
0.2
0.4
V
Output High
PVFB = 2V, RL = ¥
6.4
6.8
V
Source Current
PVFB = 0V, PEAO = 6V
-80
220
µA
Sink Current
PVFB = 5V, PEAO = 0.3V
80
220
µA
PFC CURRENT-LIMIT COMPARATOR (PIFB)
Current-Limit Threshold
-0.9
-1.0
-1.1
V
Propagation Delay
100mV Step and 100mV Overdrive
100
ns
PFC OVP COMPARATOR
OVP Threshold
2.65
2.75
2.85
V
Hysteresis
0.14
0.20
0.30
V
Propagation Delay
1.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com