Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4835 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4835
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4835 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4835 Datasheet HTML 9Page - Micro Linear Corporation ML4835 Datasheet HTML 10Page - Micro Linear Corporation ML4835 Datasheet HTML 11Page - Micro Linear Corporation ML4835 Datasheet HTML 12Page - Micro Linear Corporation ML4835 Datasheet HTML 13Page - Micro Linear Corporation ML4835 Datasheet HTML 14Page - Micro Linear Corporation ML4835 Datasheet HTML 15Page - Micro Linear Corporation ML4835 Datasheet HTML 16Page - Micro Linear Corporation ML4835 Datasheet HTML 17Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ML4835
13
Figure12. Ballast for Architectural Dimming Applications
U1
F1
L1
L2
C1
3.3nF
C2
3.3nF
C6
0.1µF
C3
0.15µF
D1
D2
D3
D5
1A, 50V
D6
1A, 50V
D4
D9, 0.1A
75V
D18
0.1A
75V
D14
0.1A
75V
D11, 15V, 0.5W
D13
5.6V, 0.5W
120VRMS
R4, 62k
Ω
D10, 0.1A
75V
D7
1A, 600V
(ULTRA-
FAST)
D8, 1A, 600V
R25
100
Ω
R7
432k
Ω
R6
432k
Ω
T1
610
8
9
Q1
4.5A, 500V
R8
5.76k
Ω
R9
4.3
Ω
R24
20k
Ω
C8
47µF
HOT
NEUTRAL
R
Y
B
R
Y
B
C30
120pF
C28
120pF
C14
0.015µF
D19
1A
600V
D15
1A
600V
D12
0.1A, 75V
C12
0.33µF
4
3
2
1
8
9
51
610
T3
D16, 0.1A, 75V
R11
150
Ω
R10
30
Ω
C9
1µF
Q2
2.5A, 500V
6
7
D17, 0.1A, 75V
R12
150
Ω
1
8
Q3
2.5A, 500V
T3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
R13
1k
Ω
C15
1µF
R14
22.6k
Ω
PVFB
PEAO
PIFB
PIFBO
LFB
LEAO
RSET
RT2
RT/CT
INTRPT
REF
VCC
PFC OUT
OUT A
OUT B
P GND
A GND
RAMP
PW DET
RX/CX
ML4835
C29
100pF
C17
8.2nF
C16
82nF
C4
33nF
C18
1.5nF
R15, 681k
Ω
R17
4.3k
Ω
R22
360k
Ω
R18
8.06k
Ω
R26
5k
Ω
C19
1µF
C20
1.5nF
C22
1.5µF
C24
470pF
C25
0.22µF
C27
0.22µF
C1
100µF
C21
15µF
R23, 200k
Ω
R16
10k
Ω
C23
6.8µF
C26
47µF
+
–
+
–
VIOLET
GREY
MANUAL DIMMER
0-10VDC
T1
D2
18V
C4
10µF
R7
3.32k
Ω
R6
3.32k
Ω
Q1
D3
C2
220pF
R5
1M
Ω
C3, 1nF
R3
16.2k
Ω
R4
220k
Ω
U2A
U2B
R2
1.5k
Ω
U1
R1
604
Ω
C5
0.01µF
R8
180
Ω
D1
0.1A, 75V
3
4
1
2
3
4
5
6
7
8
1
2
5
4
DIMMER INTERFACE ASSEMBLY
D1-D4: 1A, 600V
R1
0.33
Ω
R2
100
Ω
R3
820
Ω
R19, 16.2k
Ω
R21, 51.1k
Ω
C5
0.1µF
C7
100µF
3
2
7
6
C11
6800pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com