Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4836CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4836CS
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4836CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4836CS Datasheet HTML 1Page - Micro Linear Corporation ML4836CS Datasheet HTML 2Page - Micro Linear Corporation ML4836CS Datasheet HTML 3Page - Micro Linear Corporation ML4836CS Datasheet HTML 4Page - Micro Linear Corporation ML4836CS Datasheet HTML 5Page - Micro Linear Corporation ML4836CS Datasheet HTML 6Page - Micro Linear Corporation ML4836CS Datasheet HTML 7Page - Micro Linear Corporation ML4836CS Datasheet HTML 8Page - Micro Linear Corporation ML4836CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML4836
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE BUFFER (Continued)
Short Circuit Current
40
mA
RSET Voltage
2.4
2.5
2.6
V
PREHEAT AND INTERRUPT TIMER (RX = 346kW, CX = 10µF)
RX/CX Charging Current
–48
–52
–56
µA
RX/CX Open Circuit Voltage
0.4
0.7
1.0
V
RX/CX Maximum Voltage
7.0
7.3
7.8
V
Preheat Lower Threshold
1.6
1.75
1.9
V
Preheat Upper Threshold
4.4
4.65
4.9
V
Start Period End Threshold
6.2
6.6
6.9
V
Interrupt Disable Threshold
1.1
1.25
1.4
V
Hysteresis
0.16
0.26
0.36
V
Input Bias Current
1µA
POWER SHUTDOWN
Power Shutdown Voltage
0.9
1.0
1.1
V
OUTPUTS (OUT A, OUT B, PFC OUT)
Output Voltage Low
IOUT = 20mA
0.1
0.2
V
IOUT = 200mA
1.0
2.0
V
Output Voltage High
IOUT = 20mA
VCC – 0.2 VCC – 0.1
V
Output Voltage High
IOUT = 200mA
VCC – 2.0 VCC – 1.0
V
Output Voltage Low in UVLO
IOUT = 20mA, VCC < VCC START
0.2
V
Output Rise and Fall Time
CL = 1000pF
50
ns
UNDER VOLTAGE LOCKOUT AND BIAS CIRCUITS
IC Shunt Voltage (VCCZ)
ICC = 15mA
14.0
14.8
15.5
V
Start-up Threshold (VCC START)
VCCz – 1.5 VCCz – 1.0 VCCz– 0.5
V
Hysteresis
3.0
3.7
4.4
V
Start-up Current
VCC START – 0.2V
350
550
µA
Interrupt Current
(VCCz – 0.5V), INTERRUPT = 0V
500
750
µA
Operating Current
(VCCz – 0.5V)
4.0
8.0
mA
Shutdown Temperature
140
ºC
Hysteresis
30
ºC
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com