Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4836CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4836CS
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4836CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4836CS Datasheet HTML 3Page - Micro Linear Corporation ML4836CS Datasheet HTML 4Page - Micro Linear Corporation ML4836CS Datasheet HTML 5Page - Micro Linear Corporation ML4836CS Datasheet HTML 6Page - Micro Linear Corporation ML4836CS Datasheet HTML 7Page - Micro Linear Corporation ML4836CS Datasheet HTML 8Page - Micro Linear Corporation ML4836CS Datasheet HTML 9Page - Micro Linear Corporation ML4836CS Datasheet HTML 10Page - Micro Linear Corporation ML4836CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ML4836
7
FUNCTIONAL DESCRIPTION (Continued)
The magnitude of the offset voltage that will appear at the
input is given by VOS = io/gm. For an io of 1µA and a gm
of 0.05 µW the input referred offset will be 20mV.
Capacitor C1 as shown in Figure 4 is used to block the
DC current to minimize the adverse effect of offsets.
Slew rate enhancement is incorporated into all of the
operational transconductance amplifiers in the ML4836.
This improves the recovery of the circuit in response to
power up and transient conditions. The response to large
signals will be somewhat non-linear as the
transconductance amplifiers change from their low to high
transconductance mode, as illustrated in Figure 5.
END OF LAMP LIFE
At the end of a lamp’s life when the emissive material is
depleted, the arc current is rectified and high voltage
occurs across the lamp near the depleted cathode. The
ballast acts as a constant current source so power is
dissipated near the depleted cathode which can lead to
arcing and bulb cracking. Compact fluorescent lamps are
more prone to cracking or shattering because their small
diameter can’t dissipate as much heat as the larger linear
lamps. Compact fluorescents also present more of a
safety hazard since they are usually used in downlighting
systems without reflector covers.
Figure 4. Compensation Network
Figure 5. Transconductance Amplifier Characteristics
–
+
1
2.5V
LAMP FB
LEAO
R1
C1
C2
VIN DIFFERENTIAL
LINEAR SLOPE REGION
0
iO
Figure 6. Simplified Model of ML4836 EOL Functionality
LAMP
NETWORK
LAMP
R9
PFC
ML4836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com