Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841CP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4841CP
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841CP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4841CP Datasheet HTML 1Page - Micro Linear Corporation ML4841CP Datasheet HTML 2Page - Micro Linear Corporation ML4841CP Datasheet HTML 3Page - Micro Linear Corporation ML4841CP Datasheet HTML 4Page - Micro Linear Corporation ML4841CP Datasheet HTML 5Page - Micro Linear Corporation ML4841CP Datasheet HTML 6Page - Micro Linear Corporation ML4841CP Datasheet HTML 7Page - Micro Linear Corporation ML4841CP Datasheet HTML 8Page - Micro Linear Corporation ML4841CP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 1997
ML4841
*
Variable Feedforward PFC/PWM Controller Combo
1
GENERAL DESCRIPTION
The ML4841 is a controller for power factor corrected,
switched mode power supplies. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk capacitors,
reduces power line loading and stress on the switching
FETs, and results in a power supply that fully complies
with IEC1000-2-3 specifications. The ML4841 includes
circuits for the implementation of a leading edge, average
current, “boost” type power factor correction, and a
trailing edge, pulse width modulator (PWM).
The PFC frequency of the ML4841 is automatically set at
half that of the PWM frequency generated by the internal
oscillator. This technique allows the user to design with
smaller output components while maintaining the
optimum operating frequency for the PFC. An over-voltage
comparator shuts down the PFC section in the event of a
sudden decrease in load. The PFC section also includes
peak current limiting and input voltage brown-out
protection.
FEATURES
s
Internally synchronized PFC and PWM in one IC
s
Low total harmonic distortion
s
Reduced ripple current in the storage capacitor
between the PFC and PWM sections
s
Average current, continuous mode, boost type,
leading edge PFC
s
High efficiency trailing edge PWM can be configured
for current mode or voltage mode operation
s
Average line voltage compensation with brown-out
control
s
PFC overvoltage comparator eliminates output
“runaway” due to load removal
s
Current-fed multiplier for improved noise immunity
s
Overvoltage protection, UVLO, and soft start
BLOCK DIAGRAM
*Some Packages Are End Of Life Or Obsoete
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VCCZ
VEA
8
-
+
IEA
1
+
-
+
-
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.7V
-1V
RAMP 2
9
PWM OUT
11
S
R
Q
Q
VDC
6
SS
5
RTCT
7
VCC
DUTY CYCLE
LIMIT
+
-
1V
-
+
2.5V
VFB
-
+
8V
8V
VIN OK
GAIN
MODULATOR
VCCZ
÷2
3.5k
Ω
3.5k
Ω
1.25V
50µA
-
+
13.5V
DC ILIMIT
8V


Similar Part No. - ML4841CP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4841CP FAIRCHILD-ML4841CP Datasheet
129Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
More results

Similar Description - ML4841CP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
PFC/PWM Controller Combo with Green Mode
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
EPA/85 PFCPWM COMBO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com