Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841IP Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4841IP
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841IP Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4841IP Datasheet HTML 2Page - Micro Linear Corporation ML4841IP Datasheet HTML 3Page - Micro Linear Corporation ML4841IP Datasheet HTML 4Page - Micro Linear Corporation ML4841IP Datasheet HTML 5Page - Micro Linear Corporation ML4841IP Datasheet HTML 6Page - Micro Linear Corporation ML4841IP Datasheet HTML 7Page - Micro Linear Corporation ML4841IP Datasheet HTML 8Page - Micro Linear Corporation ML4841IP Datasheet HTML 9Page - Micro Linear Corporation ML4841IP Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ML4841
6
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Error Amplifier (VEA) Transconductance (gm)
Current Error Amplifier (IEA) Transconductance (gm)
Variable Gain Control Transfer Characteristic
Figure 1. PFC Section Block Diagram.
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OVP
PFC ILIMIT
VREF
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VCCZ
VEA
8
-
+
IEA
1
+
-
+
-
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.7V
-1V
FROM PWM
OSCILLATOR
GAIN
MODULATOR
÷2
3.5k
Ω
3.5k
Ω
13.5V
8V
UVLO
VCCZ
250
200
150
100
50
0
VFB (V)
05
3
14
2
250
200
150
100
50
0
IEA Input Voltage (mV)
-500
500
0
400
300
200
100
0
VRMS (mV)
05
3
14
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com