Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841IP Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4841IP
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841IP Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4841IP Datasheet HTML 7Page - Micro Linear Corporation ML4841IP Datasheet HTML 8Page - Micro Linear Corporation ML4841IP Datasheet HTML 9Page - Micro Linear Corporation ML4841IP Datasheet HTML 10Page - Micro Linear Corporation ML4841IP Datasheet HTML 11Page - Micro Linear Corporation ML4841IP Datasheet HTML 12Page - Micro Linear Corporation ML4841IP Datasheet HTML 13Page - Micro Linear Corporation ML4841IP Datasheet HTML 14Page - Micro Linear Corporation ML4841IP Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ML4841
11
Generating VCC
The ML4841 is a current-fed part. It has an internal shunt
voltage regulator, which is designed to regulate the
voltage internal to the part at 13.5V. This allows a low
power dissipation while at the same time delivering 10V
of gate drive at the PWM OUT and PFC OUT outputs. It is
important to limit the current through the part to avoid
overheating or destroying it. This can be easily done with
a single resistor in series with the Vcc pin, returned to a
bias supply of typically 18V to 20V. The resistor’s value
must be chosen to meet the operating current requirement
of the ML4841 itself (19mA max) plus the current required
by the two gate driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC limit of 14.6V (max) and
driving a total gate charge of 100nC at 100kHz (1 IRF840
MOSFET and 2 IRF830 MOSFETs), the gate driver current
required is:
I
kHz
nC
kHz
nC
mA
GATEDRIVE =×
()+×
() =
100
45
200
52
15
(12)
R
VV
mA
mA
BIAS =
−
+
=
20
14 6
19
15
160
.
Ω
(13)
To check the maximum dissipation in the ML4841, check
the current at the minimum VCC (12.4V):
I
VV
mA
CC =
−
=
20
12 4
160
47 5
.
.
Ω
(14)
The maximum allowable ICC is 55mA, so this is an
acceptable design.
The ML4841 should be locally bypassed with a 10nF and
a 1
µF ceramic capacitor. In most applications, an
electrolytic capacitor of between 100
µF and 330µF is also
required across the part, both for filtering and as part of
the start-up bootstrap circuitry.
LEADING/TRAILING MODULATION
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will
turn on right after the trailing edge of the system clock.
The error amplifier output voltage is then compared with
the modulating ramp. When the modulating ramp reaches
the level of the error amplifier output voltage, the switch
will be turned OFF. When the switch is ON, the inductor
current will ramp up. The effective duty cycle of the
trailing edge modulation is determined during the ON
time of the switch. Figure 4 shows a typical trailing edge
control scheme.
In the case of leading edge modulation, the switch is
turned OFF right at the leading edge of the system clock.
When the modulating ramp reaches the level of the error
amplifier output voltage, the switch will be turned ON.
The effective duty-cycle of the leading edge modulation
is determined during the OFF time of the switch. Figure 5
shows a leading edge control scheme.
One of the advantages of this control technique is that
it requires only one system clock. Switch 1 (SW1) turns
off and switch 2 (SW2) turns on at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With
such synchronized switching, the ripple voltage of the
first stage is reduced. Calculation and evaluation have
shown that the 120Hz component of the PFC’s output
ripple voltage can be reduced by as much as 30% using
this method.
Figure 4. Typical Trailing Edge Control Scheme
RAMP
VEAO
TIME
VSW1
TIME
REF
EA
–
+
–
+
OSC
DFF
R
D
Q
Q
CLK
U1
RAMP
CLK
U4
U3
C1
RL
I4
SW2
SW1
+
DC
I1
I2
I3
VIN
L1
U2
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com