Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4863CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4863CS
Description  High Efficiency Flyback Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4863CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4863CS Datasheet HTML 2Page - Micro Linear Corporation ML4863CS Datasheet HTML 3Page - Micro Linear Corporation ML4863CS Datasheet HTML 4Page - Micro Linear Corporation ML4863CS Datasheet HTML 5Page - Micro Linear Corporation ML4863CS Datasheet HTML 6Page - Micro Linear Corporation ML4863CS Datasheet HTML 7Page - Micro Linear Corporation ML4863CS Datasheet HTML 8Page - Micro Linear Corporation ML4863CS Datasheet HTML 9Page - Micro Linear Corporation ML4863CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML4863
7
DESIGN CONSIDERATIONS
DESIGN PROCEDURE
A typical design can be implemented by using the
following procedure.
1.
Specify the application by defining:
The maximum input voltage (VIN(MAX))
The mainimum input voltage (VIN(MIN))
The maximum output current (IOUT(MAX))
The maximum output ripple (
DVOUT)
As a general design rule, the output ripple should be kept
below 100mV to ensure stability.
2.
Select a sense resistor, RSENSE, using equation 1.
3a.
Determine the inductance required for the
optimum output ripple using equation 2.
3b.
Determine the minimum inductor current rating
required. The peak inductor current is calculated
using the following formula:
I
mV
R
V
L
LPEAK
SENSE
IN MAX
P
=+
™™
-
235
25 10
6
()
(.
)
(4)
3c.
Specify the inductor's DC winding resistance. A
good rule of thumb is to allow 5m
W, or less, of
resistance per µH of inductance. For minimum
core loss, choose a high frequency core material
such as Kool-Mu, ferrite, or MPP.
3d.
Specify the coupled inductor's turns ratio:
Np : Ns = 1:1
4a.
Calculate the minimum output capacitance
required using:
CI
VV
VV
OUT MAX
OUT
IN MAX
OUT
OUT
=™
+



 ™
™
-
()
()
.
25 10
6
D
(5)
4b.
Establish the maximum allowable ESR for the
ouput capacitor:
R
VR
mV
ESR
OUT
SENSE
<
™
D
150
(6)
5.
As a final design check, evaluate the system
stability (no compensation, single pole response)
by using the following equation:
∆V
RV
V
L
OUT
SENSE
OUT
IN MIN
P
≤×
×
×+

!
"
$#
−
()
()
()
610
6
(7)
where RSENSE and LP are the actual values to be
used.
See Table 1 for suggested component manufacturers.
Table 1. Component Suppliers
Part
Component Manufacturer
Number
Phone
Sense
Dale
LRC Series
(402) 563-6506
Resistors
IRC
WSL Series
(512) 992-7900
Inductors
Coilcraft
R4999
(847) 639-6400
Coiltronics
OCTA-PAC Series (561)241-7876
Dale
LPE-6562 Series (605) 665-9301
LPT-4545 series
Capacitors
AVX
TPS series
(207) 282-5111
Sprague
593D Series
(207) 324-4140
MOSFETs
National
NDS94XX
(800) 272-9954
NDS99XX
Motorola
MMDF Series
(602) 897-5056
MMSF Series
Siliconix
Littlefoot Series (408) 988-8000
DESIGN EXAMPLE
1.
Specify the application by defining:
VIN(MAX) = 6V
VIN(MIN) = 4V
IOUT(MAX) = 500mA
DVOUT = 100mV
2.
Select the sense resistor, RSENSE, using Equation 1:
R
mV
mA
V
SENSE =
+
×+
××

×
4
54
150
500
4
2060 5
085
.
.
(1a)
RSENSE = 138mW @ 120mW
3a.
Determine the inductance required using
equation 2.
LP =×
× ×
−
()
.
25 10
6 0 12
6
= 18µH
(2a)
3b.
Determine the minimum inductor current rating
required.
I
mV
m
A
LPEAK =+
××
×
=
−
235
120
625 10
18 10
279
6
Ω
(.
)
.
–6
(4a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com