Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4863CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4863CS
Description  High Efficiency Flyback Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4863CS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4863CS Datasheet HTML 2Page - Micro Linear Corporation ML4863CS Datasheet HTML 3Page - Micro Linear Corporation ML4863CS Datasheet HTML 4Page - Micro Linear Corporation ML4863CS Datasheet HTML 5Page - Micro Linear Corporation ML4863CS Datasheet HTML 6Page - Micro Linear Corporation ML4863CS Datasheet HTML 7Page - Micro Linear Corporation ML4863CS Datasheet HTML 8Page - Micro Linear Corporation ML4863CS Datasheet HTML 9Page - Micro Linear Corporation ML4863CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ML4863
8
Figure 3. 5V, 2A Circuit
Figure 2. 5V, 1A Circuit
47µF
VIN
NDS9955
1µF
Coiltronics
CTX20-4
100m
Ω
VOUT
5V, 1A
ML4863
VIN
SENSE
SHDN
VFB
GND
OUT 2
OUT 1
VCC
400µF
100µF
VIN
NDS9410
NDS9410
1µF
Dale
LPE6562
50m
Ω
VOUT
5V, 2A
ML4863
VIN
SENSE
SHDN
VFB
GND
OUT 2
OUT 1
VCC
800µF
DESIGN CONSIDERATIONS (Continued)
3c.
Specify the inductor’s DC winding resistance:
LDCR = 90mW
3d.
Specify the coupled inductor's turn ratio:
Np : Ns = 1:1
4a.
Calculate the minimum output capacitance
required using equation 5.
C
=×
+
 × × −
050
56
5
25 10
01
6
.
.
.
= 55µF
(5a)
4b.
Establish the maximum ESR for the output
capacitor using equation 6.
R
mV
ESR <
×
01 012
150
..
= 80m
W
(6a)
Based on these calculations, the design should use two
100µF capacitors, with an ESR of 100m
W each, in parallel
to meet the capacitance and ESR requirements.
5.
As a final design check, evaluate the system
stability using equation 7.
100
6 10
012
5 4
18 10
6
mV
≤×
×
×+
×

!
"
$#
−
()
.(
)
–6
= 360mV (7a)
Since the inequality is met, the circuit should be stable.
Some typical application circuits are shown in Figures 2, 3,
and 4.
LAYOUT
Good PC board layout practices will ensure the proper
operation of the ML4863. Important layout considerations
follow:
• The connection from the current sense resistor to the
SENSE pin of the ML4863 should be made by a
separate trace and connected right at the sense resistor
lead.
• The VCC bypass capacitor needs to be located close to
the ML4863 for adequate filtering of the IC's internal
bias voltage.
• Trace lengths from the capacitors to the inductor, and
from the inductor to the FET should be as short as
possible to minimize noise and ground bounce.
• Power and ground planes must be large enough to
handle the current the converter has been designed for.
See Figure 5 for a sample PC board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com