Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4869CS-3 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4869CS-3
Description  Medium Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4869CS-3 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4869CS-3 Datasheet HTML 1Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 2Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML4869CS-3 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2000
PRELIMINARY
ML4869
Medium Current Boost Regulator
with Load Disconnect
1
GENERAL DESCRIPTION
The ML4869 is a continuous conduction boost regulator
designed for DC to DC conversion in multiple cell battery
power systems. Continuous conduction allows the
regulator to maximize output current for a given inductor.
The maximum switching frequency can exceed 200kHz,
allowing the use of small, low cost inductors. The ML4869
is capable of start-up with input voltages as low as 1.8V,
and is available in 5V and 3.3V output versions with an
output voltage accuracy of ±3%.
An integrated synchronous rectifier eliminates the need
for an external Schottky diode and provides a lower
forward voltage drop, resulting in higher conversion
efficiency. In addition, low quiescent current and variable
frequency operation result in high efficiency even at light
loads. The ML4869 requires only a few external
components to build a very small regulator capable of
achieving conversion efficiencies approaching 85%.
The SHDN input allows the user to stop the regulator from
switching, and provides complete isolation of the load
from the battery.
BLOCK DIAGRAM
FEATURES
s
Guaranteed full load start-up and operation at
1.8V input
s
Continuous conduction mode for high output current
s
Pulse Frequency Modulation and internal synchronous
rectification for high efficiency
s
Isolates the load from the input during shutdown
s
Minimum external components
s
Low ON resistance internal switching FETs
s
Low supply current
s
5V and 3.3V output versions
s
Shutdown current = 1µA MAX
VL2
5
VOUT
6
+
–
SHUTDOWN
CONTROL
4
SHDN
VIN
2
2.4V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
SHDN
+
–
+
–
8
PWR GND


Similar Part No. - ML4869CS-3

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-3 MICRO-LINEAR-ML4861CS-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-5 MICRO-LINEAR-ML4861CS-5 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-6 MICRO-LINEAR-ML4861CS-6 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861ES-3 MICRO-LINEAR-ML4861ES-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
More results

Similar Description - ML4869CS-3

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61378-Q1 TI1-TPS61378-Q1 Datasheet
773Kb / 29P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61378-Q1-V01 TI-TPS61378-Q1-V01 Datasheet
3Mb / 36P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61379-Q1 TI-TPS61379-Q1 Datasheet
2Mb / 34P
TPS61379-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com