Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4877 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4877
Description  LCD Desktop Backlight Lamp Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4877 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4877 Datasheet HTML 1Page - Micro Linear Corporation ML4877 Datasheet HTML 2Page - Micro Linear Corporation ML4877 Datasheet HTML 3Page - Micro Linear Corporation ML4877 Datasheet HTML 4Page - Micro Linear Corporation ML4877 Datasheet HTML 5Page - Micro Linear Corporation ML4877 Datasheet HTML 6Page - Micro Linear Corporation ML4877 Datasheet HTML 7Page - Micro Linear Corporation ML4877 Datasheet HTML 8Page - Micro Linear Corporation ML4877 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ML4877
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
LEA+
Positive input for lamp error amp
2
AZR
Connection to gate of external FET for
high voltage regulator. Internally a
zener diode to ground.
3
SS CAP
Connection of optional external soft
start capacitor
4RT
Oscillator timing resistor
5
VREF
Voltage reference output
6
L ILIM
Input to current limit amplifier
7
LEA-
Negative input for lamp error
amplifier
8
LEA OUT
Output of lamp error amplifier.
External compensation capacitor
connects between this pin and LEA.
9CT
Oscillator timing capacitor
10
L RTD
Input to resonant threshold detector
PIN
NAME
FUNCTION
11
B SYNC
Output of MOSFET driver to gate of
OUT
synchronous FET catch diode.
12
HVDD
Battery power input to linear regulator
13
VDD
Output of linear regulator. Positive
power for IC.
14
L GATE1
Output of MOSFET driver. Connection
to gate of one side of inverter FET
drive pair.
15
ON/OFF
Logic input for chip
16
L GATE2
Output of MOSFET driver. Connection
to gate of one side of inverter FET
drive pair.
17
PGND
Power ground
18
GND
Signal ground
19
B ON
Connection to primary side of gate
pulse transformer
20
B OFF
Output of MOSFET driver. Connection
to gate of FET that disables the input
power.
B OFF
B ON
GND
PGND
L GATE 2
ON/OFF
L GATE 1
VDD
HVDD
B SYNC OUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LEA+
AZR
SS CAP
RT
VREF
L ILIM
LEA–
LEA OUT
CT
L RTD
TOP VIEW
ML4877
20-Pin SSOP (R20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com