Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4877 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4877
Description  LCD Desktop Backlight Lamp Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4877 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4877 Datasheet HTML 1Page - Micro Linear Corporation ML4877 Datasheet HTML 2Page - Micro Linear Corporation ML4877 Datasheet HTML 3Page - Micro Linear Corporation ML4877 Datasheet HTML 4Page - Micro Linear Corporation ML4877 Datasheet HTML 5Page - Micro Linear Corporation ML4877 Datasheet HTML 6Page - Micro Linear Corporation ML4877 Datasheet HTML 7Page - Micro Linear Corporation ML4877 Datasheet HTML 8Page - Micro Linear Corporation ML4877 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ML4877
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VDD = 5V ±5%, TA= Operating Temperature Range, CT = 47pF, RT = 82kW (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT REGULATOR
ERROR AMPLIFIER
Open Loop Gain
60
70
dB
Output High
ILOAD = 5µA
2.8
3.0
V
Output Low
ILOAD = 25µA
0.4
0.7
V
Bandwidth (-3dB)
1
MHz
Common Mode Voltage Range
0
1.0
V
Input Bias Current
50
100
nA
Input Offset Voltage
-5
0
5
mv
Soft Start Charge Current
VSSCAP = 1V
550
750
950
nA
Soft Start Threshold (LEA OUT)
VSSCAP = 1V
2
2.5
V
CURRENT LIMIT COMPARATOR
Current Threshold
450
500
550
mV
Input Bias Current
VILIM = 0.1V
50
100
nA
Propagation Delay
(Note 2)
150
250
ns
OUTPUT DRIVERS
Output High - B SYNC OUT, B OFF
VDD 5V, ILOAD = 12mA
4.625
4.8
V
Output Low - B SYNC OUT, B OFF
ILOAD 12mA
0.2
0.375
V
Rise & Fall time - B SYNC OUT, B OFF
CLOAD =100pF
20
50
ns
Output High - B ON
VDD 5V, ILOAD = 12mA
4.625
4.8
V
Output Low - B ON
ILOAD 50mA
0.2
0.375
V
Fall Time - B ON
CLOAD = 2400pF (Note 2)
45
80
ns
ONE SHOT
Pulse Width
100
150
200
ns
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 75mA
Output Current, Source or Sink ............................. 250mA
Voltage on Pins LEA+, AZR, SS CAP, RT, VREF,
L ILIM, LEA-, LEA OUT, CT, B SYNC OUT, VDD,
L GATE 1, ON/OFF, L GATE 2, PGND, GND,
B ON, B OFF ............................... –0.3V to VDD +0.3V
Voltage on HVIDD .................................................... 20V
Current into L RTD ............................................... ±10mA
Junction Temperature .............................................. 150ºC
Storage Temperature Range ....................... -65ºC to 150ºC
Lead Temperature (Soldering 10 sec.) ..................... 260ºC
Thermal Resistance (
qJA) .................................... 100ºC/W
OPERATING CONDITIONS
Temperature Range
ML4877C ................................................... 0ºC to 70ºC
ML4877E...............................................–20ºC to 70ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com