Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4880CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4880CS
Description  Portable PC/PCMCIA Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4880CS Datasheet HTML 1Page - Micro Linear Corporation ML4880CS Datasheet HTML 2Page - Micro Linear Corporation ML4880CS Datasheet HTML 3Page - Micro Linear Corporation ML4880CS Datasheet HTML 4Page - Micro Linear Corporation ML4880CS Datasheet HTML 5Page - Micro Linear Corporation ML4880CS Datasheet HTML 6Page - Micro Linear Corporation ML4880CS Datasheet HTML 7Page - Micro Linear Corporation ML4880CS Datasheet HTML 8Page - Micro Linear Corporation ML4880CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML4880
4
FUNCTIONAL DESCRIPTION
The ML4880 converts a 5.5V to 18V input to three outputs
via two synchronous buck controllers and a flyback
controller. The two buck controllers utilize a unique
current mode PFM control architecture that generate
output voltages in the range of 2.5V to 3.5V (output A),
and 4.5V to 5V (output B). The output current is set by
external components, and can exceed 2A on each supply.
The flyback controller also uses a current mode PFM
control scheme and can be used to generate a 6V to 15V
output. Again, the output current of the flyback is
dependent on external components, and output currents
of 500mA are obtainable. Even at light loads, the PFM
architecture maintains high conversion efficiencies over a
wide range of input voltages. If it is necessary to further
extend battery life, the user can shutdown and fully
disconnect each load from the input independently.
BIAS CIRCUITS
The bias circuits are comprised of a linear regulator and a
precision voltage reference. The linear regulator produces
a supply voltage (VREG) used by the control circuits. The
VREG pin should be bypassed to GND with a 4.7µF to
10
µF capacitor. The precision voltage reference is used by
the feedback circuit of each controller to maintain an
accurate output voltage.
SHUTDOWN LOGIC
Each controller has a separate shutdown pin. By applying
a logic high to the appropriate pin, the transconductance
amplifier and current comparator of each controller
(shown in Figures 1 and 3) can be disabled. This prevents
switching from occurring and disconnects the load from
the input. All other circuitry within the ML4880 remains
active during shutdown.
GATE CLAMP
The gate clamp circuit provides a method of preventing
the buck regulator P-channel MOSFET switches from
accidentally turning on when the input is suddenly
switched to a higher voltage. This condition can occur
during start-up or when an adapter voltage is applied. As
shown in the block diagram, the P DRV drivers are
capacitively coupled to the gates.
Assume that P DRV is in the OFF state, or at VREG, and the
gate voltage is held at VIN through the resistor. The gate-
source voltage of the MOSFET is 0V and the switch stays
off. If a higher input voltage (VIN + 5V for example) is
suddenly applied with P DRV still in the OFF state, the
source voltage of the MOSFET would jump up to VIN +
5V, but the gate would still be at VIN. The gate-source
voltage becomes –5V and the P-channel MOSFET would
turn on even though P DRV is still in the OFF state. In
order to prevent the MOSFET from turning on, the gate
clamp circuit senses the increase in the input voltage and
pumps charge into the gate side of the coupling capacitor,
quickly charging the capacitor to the new input voltage
level.
The CLAMP pin requires a capacitor to GND in order for
the gate clamp circuit to function properly. The capacitor
value should be 1.5 to 2 times the value used for the
coupling capacitor.
BUCK CONTROLLERS
A block diagram of the buck controllers is shown in Figure
1. The circuit utilizes a constant ON-time PFM control
architecture. The circuit determines the OFF-time by
waiting for the inductor current to drop to a level set by
the feedback voltage (VFB).
Figure 1. Buck Controller Functional Diagram
OSCILLATOR/
ONE SHOT
+
–
–
+
+
–
1.25V
–18mV
SHOOT THRU
PROTECTION
P DRV
N DRV
ISENSE
RSENSE
IL
VFB
VC
VSR
TON
Rgm
CURRENT
COMPARATOR
TRANSCONDUCTANCE
AMPLIFIER
SYNCHRONOUS
RECTIFIER
COMPARATOR
VIN
CIN
COUT
VOUT
R1
R2
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com