Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4880CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4880CS
Description  Portable PC/PCMCIA Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4880CS Datasheet HTML 1Page - Micro Linear Corporation ML4880CS Datasheet HTML 2Page - Micro Linear Corporation ML4880CS Datasheet HTML 3Page - Micro Linear Corporation ML4880CS Datasheet HTML 4Page - Micro Linear Corporation ML4880CS Datasheet HTML 5Page - Micro Linear Corporation ML4880CS Datasheet HTML 6Page - Micro Linear Corporation ML4880CS Datasheet HTML 7Page - Micro Linear Corporation ML4880CS Datasheet HTML 8Page - Micro Linear Corporation ML4880CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURING
Extended
Commercial
Temperature
Range
–20°C
to 70°C
for Portable
Handheld
Equipment
1
GENERAL DESCRIPTION
The ML4880 Portable PC and PCMCIA Power Controller
is a complete solution for DC/DC power conversion for
portable computing systems with single or multiple
PCMCIA slots.
The device provides two synchronous buck controllers to
implement mixed voltage systems and a flyback controller
for 12V VPP generation for PCMCIA slots. The flyback
architecture enables generation of high currents (150mA
or more per slot) on the 12V bus for multiple slot PCMCIA
applications.
Each regulator can be independently switched off to fully
isolate the load from the power supply. The PFM
architecture will automatically adjust switching frequency
at light loads in order to maintain power conversion
efficiencies in excess of 90% over a wide output power
range.
(* Indicates Part is End Of Life as of July 1, 2000)
FEATURES
s
Regulation to
±3% maximum: provides 2% PCMCIA
switch matrix margin
s
Two synchronous buck controllers for 3.3/3V, 5V
generation, and a flyback for high current, 12V
generation from 5.5V to 18V input
s
Regulator power conversion efficiencies > 90%
s
Pulse frequency modulation for high efficiency
operation
s
Independent regulator shutdown for full load isolation
s
Adjustable current limit
s
Wide input voltage range (5.5V to 18V)
July 2000
ML4880*
Portable PC/PCMCIA Power Controller
BLOCK DIAGRAM
P DRV A
N DRV A
VOUT A
2.5 – 3.5V
+
–
ISENSE A
VFB A
N DRV C
ISENSE C
PWR GND C
VFB C
VOUT C
6V – 15V
+
–
17
3
21
12
10
16
6
TO SYSTEM
POWER
MANAGEMENT
GND
VIN
SHDN C
SHDN B
SHDN A
BIAS
CIRCUITS
18
11
7
13
14
4
9
VIN
5.5 – 18V
P DRV B
N DRV B
VOUT B
4.5 – 5.0V
+
–
ISENSE B
VFB B
19
20
5
8
VIN
VIN
SHUTDOWN
LOGIC
GND
15
VREG
GATE
CLAMP
24
CLAMP
23
PWR GND A
22
PWR GND B
GATE
CLAMP
CLAMP
CLAMP A
2
CLAMP B
1


Similar Part No. - ML4880CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4800 FAIRCHILD-ML4800 Datasheet
119Kb / 14P
Power Factor Correction and PWM Controller Combo
logo
ON Semiconductor
ML4800 ONSEMI-ML4800 Datasheet
220Kb / 16P
Power Factor Correction and PWM Controller Combo
REV. 1.0.5 9/25/01
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
154Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4880CS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
LOW POWER ETHERNET PCMCIA CONTROLLER
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
List of Unclassifed Man...
VT83C469 ETC-VT83C469 Datasheet
156Kb / 36P
PCMCIA Socket Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
PCMCIA Power Controller
Rev. 1.10
R5534V RICOH-R5534V Datasheet
254Kb / 7P
PCMCIA Power Controller
Rev. 1.10
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com