Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4880ES Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4880ES
Description  Portable PC/PCMCIA Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880ES Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4880ES Datasheet HTML 4Page - Micro Linear Corporation ML4880ES Datasheet HTML 5Page - Micro Linear Corporation ML4880ES Datasheet HTML 6Page - Micro Linear Corporation ML4880ES Datasheet HTML 7Page - Micro Linear Corporation ML4880ES Datasheet HTML 8Page - Micro Linear Corporation ML4880ES Datasheet HTML 9Page - Micro Linear Corporation ML4880ES Datasheet HTML 10Page - Micro Linear Corporation ML4880ES Datasheet HTML 11Page - Micro Linear Corporation ML4880ES Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4880
8
Having determined the values for the inductor and sense
resistor, we can now specify the inductor peak current
rating. This value is calculated at current limit and at the
maximum input voltage, and is given by:
II
I
V
R
I
V
R
I
L PK
MAX
SENSE MAX
L MAX
SENSE MAX
SENSE
L MAX
SENSE
L MAX
(@
)
(
)
(
)
()
()
()
.
=+
=
+=
+
∆
∆∆
025
(7)
For reliable operation, the inductor current rating should
exceed the value calculated by 10%-20%.
For future reference, determine the peak inductor current
at the minimum input voltage:
II
I
V
R
I
V
R
I
L PK
MIN
SENSE MAX
L MIN
SENSE MAX
SENSE
L MIN
SENSE
L MIN
(@
)
(
)
(
)
()
()
()
.
=+
=
+=
+
∆
∆∆
025
(8)
Now the sense resistor’s power rating can be determined.
The sense resistor must be able to carry the peak current
in the inductor during the OFF-time:
PI
R
where
R
RMS OFF
SENSE
SENSE
=×
()
,
2
(9)
I
V
V
II
I
I
RMS OFF
OUT
IN MAX
SENSE MAX
SENSE MAX
L PK
MAX
L PK
MAX
()
()
()
()
(
@
)
(@
)
(
)
(
) () ()
2
22
1
3
=−


++


One final parameter should be specified: the winding
resistance of the inductor. In general the winding
resistance should be as low as possible, preferably in the
low m
Ω range. Since the inductor is in series with the
load at all times, the copper losses can be approximated
by:
PI
R
CU
OUT
L
=×
2
(10)
A good rule of thumb is to allow 2m
Ω of winding
resistance per
µH of inductance.
BUCK REGULATORS — MOSFET SELECTION
The switching MOSFETs must be logic level types with the
ON resistance specified at VGS = 4.5V. In general, the ON
resistance - gate charge product provides a good figure of
merit by which to compare various MOSFETs, the lower
the figure the better. The internal gate drivers of the
ML4880 can drive over 100nC of total gate charge, but
60nC to 70nC is a more practical limit to ensure good
switching times.
The drain-source breakdown voltage rating is determined
by the input voltage. For input voltages up to 12V, a drain
to source rating of 20V is acceptable. For input voltages
up to 18V, a drain to source rating of 30V is
recommended. For a more reliable design, look for
MOSFETs that are avalanche rated.
In high current applications, the MOSFET’s power
dissipation often becomes a major design factor. The I2R
losses generate the largest portion of heat in the MOSFET
package. Make sure that the MOSFETs are within their
rated junction temperature at the maximum ambient
temperature by calculating the temperature rise using the
thermal resistance specifications.
The worst case power dissipation for the P-MOS switch
occurs at the minimum input voltage and is determined as
follows:
PI
R
where
P MOS
RMS ON
DS ON
(
)
()
()
−
=×
2
(11)
I
V
V
II
I
I
RMS ON
OUT
IN MIN
SENSE MAX
SENSE MAX
L PK
MIN
L PK
MIN
()
()
()
()
(
@
)
(
@
)
()
() (
) (
)
2
22
3
=


++


The worst case power dissipation for the N-MOS switch
occurs at the maximum input voltage and is determined
using:
PI
R
N MOS
RMS OFF
DS ON
()
(
)
(
)
−
=×
2
(12)
Figure 6. Buck Regulator Inductor Current
t
IL
∆IL
ILPK
ISENSE =
VSENSE
RSENSE
IOUT = ISENSE + 1/2 ∆IL
TON
VIN – VOUT
TOFF
L
VOUT
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com