Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4880ES Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4880ES
Description  Portable PC/PCMCIA Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880ES Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4880ES Datasheet HTML 6Page - Micro Linear Corporation ML4880ES Datasheet HTML 7Page - Micro Linear Corporation ML4880ES Datasheet HTML 8Page - Micro Linear Corporation ML4880ES Datasheet HTML 9Page - Micro Linear Corporation ML4880ES Datasheet HTML 10Page - Micro Linear Corporation ML4880ES Datasheet HTML 11Page - Micro Linear Corporation ML4880ES Datasheet HTML 12Page - Micro Linear Corporation ML4880ES Datasheet HTML 13Page - Micro Linear Corporation ML4880ES Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ML4880
10
The relationship of the inductor current to the output
current is given by the following equation:
II
I
V
VV
V
R
TV
L
V
VV
OUT
SENSE
L
IN
IN
OUT
SENSE
SENSE
ON
IN
IN
IN
OUT
=+


+


=+
×
×


+


1
22
∆
(18)
The inductance value can be determined by setting the
ripple current portion of Equation 18 to some percentage
of the output current. Inductor ripple currents in the range
of 50% to 80% of the maximum output current are
typical. As a good starting point set the inductor ripple
current to 65% of the maximum output current:
∆I
TV
L
FI
VV
V
L
ON
IN
IRC
OUT MAX
IN
OUT
IN
=
×
=×
×
+


()
(19)
where FIRC = ratio of inductor ripple current to the
maximum output current, or:
L
TV
I
V
VV
ON
IN MIN
OUT MAX
IN MIN
IN MIN
OUT
=
×
×+


()
()
()
()
.
065
(20)
Calculate the inductance using the volt-seconds value
given in Figure 5 at the minimum input voltage. Choose
the nearest standard value, and determine the actual
inductor ripple current at the maximum and minimum
input voltage using Equation 19 and Figure 5.
Next, determine the sense resistor value using the inductor
ripple current value calculated above using:
R
V
I
VV
V
I
I
VV
V
I
SENSE
SENSE MIN
OUT MAX
IN MIN
OUT
IN MIN
L MIN
OUT MAX
IN MIN
OUT
IN MIN
L MIN
=
+


−
=
+


−
()
()
()
()
()
()
()
()
()
.
1
2
014
1
2
∆
∆
(21)
Having determined the values for the inductor and sense
resistor, the inductor peak current rating can now be
specified. This value is calculated at current limit and at
the maximum input voltage, and is given by:
II
I
V
R
I
V
R
I
L PK MAX
SENSE MAX
L MAX
SENSE MAX
SENSE
L MAX
SENSE
L MAX
(@
)
(
)
(
)
()
()
()
.
=+
=+
=
+
∆
∆∆
025
(22)
For reliable operation, the inductor current rating should
exceed the value calculated by 10%-20%.
Now the sense resistor’s power rating can be determined.
The sense resistor must be able to carry the peak current
in the inductor, but only during the OFF-time:
PI
R
R
RMS OFF
SENSE
SENSE
=×
()
2
(23)
where,
I
V
VV
II
I
I
RMS OFF
IN MAX
IN MAX
OUT
SENSE MAX
SENSE MAX
L PK MAX
L PK MAX
()
()
()
()
()
(
@
)
(
@
)
()
() (
) (
)
2
22
3
=
+


++


The winding resistance and the turns ratio of the coupled
inductor need to be specified. In general the winding
resistance should be as low as possible, preferably in the
low milliohm range. A good rule of thumb is to allow 2
mW of winding resistance per mH of inductance. The
turns ratio is specified at 1:1 for simplicity and availability.
FLYBACK REGULATOR - MOSFET SELECTION
The internal gate drive of the ML4880 limits the selection
of the switching FET to logic level types with the ON
resistance specified at VGS = 4.5V. Also, look for a FET
with a maximum total gate charge of around 70nC.
The drain to source breakdown voltage rating is
determined as follows:
VV
V
F
DS
IN MAX
OUT
DS
=+
×
()
()
(24)
A safety derating factor, FDS, in the range of 1.5 to 2.0 is
recommended due to the voltage spikes caused by the
leakage inductance of a transformer. For a more reliable
design, look for MOSFETs that are avalanche rated.
The maximum ON resistance of the MOSFET can be
determined using the worst case power dissipation for the
package type chosen. This assumes that the major portion
of heat generated in the package is due to I2R losses.
R
P
I
DS ON
PKG
RMS ON
()
()
=
2
(25)
where,
I
V
VV
II
I
I
RMS ON
OUT
IN MIN
OUT
SENSE MAX
SENSE MAX
L PK
MAX
L PK
MAX
()
()
()
()
(
@
)
(@
)
(
)
(
) () ()
2
2
2
3
=
+


++


FLYBACK REGULATOR — RECTIFIER SELECTION
The output diode must be able to carry the worst case
output current as well as withstand the worst case reverse
voltage. The worst case output current occurs at current
limit and at the maximum input voltage. Therefore, the
average forward current rating of the output diode can be
determined by the following:
I
I
FR
TV
L
V
VV
F
D AVG
OUT MAX
ID
SENSE
ON
IN MAX
IN MAX
IN MAX
OUT
ID
()
()
()
()
()
.
==
+
×
×


+




025
2
1
where,
F
derating factor
ID =
(26)
The derating factor is typically in the range of 0.5 to 0.9
depending on reliability goals. Typically a value of 0.8 is
used for most applications.
The reverse voltage rating is determined by the sum of the
output voltage and the maximum input voltage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com