Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4900CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4900CS
Description  High Current Synchronous Buck Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4900CS Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4900CS Datasheet HTML 1Page - Micro Linear Corporation ML4900CS Datasheet HTML 2Page - Micro Linear Corporation ML4900CS Datasheet HTML 3Page - Micro Linear Corporation ML4900CS Datasheet HTML 4Page - Micro Linear Corporation ML4900CS Datasheet HTML 5Page - Micro Linear Corporation ML4900CS Datasheet HTML 6Page - Micro Linear Corporation ML4900CS Datasheet HTML 7Page - Micro Linear Corporation ML4900CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ML4900
6
DESIGN CONSIDERATIONS
This section is a quick-check guide for getting ML4900
circuits up and running, with a special emphasis on
Pentium Pro applications. All component designators refer
to the circuit shown in Figure 1.
COMPENSATION
The R and C values connected to the COMP pin for loop
compensation are 330k
W and 33pF, respectively. These
values yield stable operation and rapid transient response
for a most values of L and COUT (1µH to 5µH, 1200µF to
10,000µF), and will generally not need to be altered. If
changes do need to be made, note that the drive capability
of the transconductance error amplifier is typically 10µA,
its ZOUT is 10 MW, and its unity-gain frequency is
approximately 10 MHz.
INPUT AND OUTPUT CAPACITORS
The input and output capacitors used in conjunction with
the ML4900, especially in Pentium Pro VRM applications,
must be able to meet several criteria:
1. The input capacitors must be able to handle a relatively
high ripple current
2. The output capacitors must have a low Equivalent Series
Resistance (ESR) and Equivalent Series Inductance (ESL)
3. The output capacitors must be able to hold up the
output during the time that the current through the buck
inductor is slewing to meet a transient load step.
The circuit’s input bypass capacitance should be able to
handle a ripple current equal to 0.5 x ILOAD. If the
converter sees load peaks only occasionally, and for less
than 30 seconds at a time during those intervals, then
aluminum electrolytic or OS-Con input capacitors need
only be sized to accommodate the average output load.
Note that tantalum input capacitors have much less
thermal mass than aluminum electrolytics, so this
relaxation of ripple current requirements may not apply to
them.
During a 30A/µs load transient, it is not possible for a buck
converter to slew the output current fast enough to
regulate the voltage in this application. During this
interval, the output capacitance of the converter must act
as passive energy storage. In delivering its energy to the
load, the output capacitance must not introduce any
considerable impedance, or its purpose will be defeated. A
total voltage aberration during load transients of ±5% is
allowed (see Intel AP-523). The voltage transient due to
ESL and ESR is:
(1)
For example, assume that a 3.3V output has 3% of the
output's
DV contributed by ESR (100mV)and 2% by the
ESL (66mV). To meet this requirement, the output ESR
should not exceed:
ESR MAX)
mV
A
m
(
.
.
==
100
137
73
W
(2)
With the effects of ESL limited to 2% of 3.3V, the
maximum ESL is:
(3)
Achieving these low a values of ESL and ESR is not trivial;
doing so typically requires using several high-quality
capacitors in parallel.
The output capacitance should have a value of > 2200µF
to hold the output voltage relatively constant (< 50mV of
sag) until the current in the buck inductor can catch up
with the change in output current. To meet the ESR and
ESL requirements, the actual output capacitance will
usually be significantly greater than this theoretical
minimum. These capacitors can be of all one type, or a
combination of aluminum electrolytic, OS-Con, and
tantalum devices.
OVERCURRENT PROTECTION
Current sense resistor R1 is used to monitor the inductor
current during the off period, i.e., while current is flowing
through the synchronous rectifier (or Schottky diode, if no
synchronous rectifier MOSFET is used). The internal
current sense comparator has been designed to provide in
excess of 14A of output current when used with a 5m
W
resistor. R1 must be a low inductance part such as Dale/
Vishay’s type WSL-2512-.005±2.5%. This is a 5m
W surface
mount part rated at 1 Watt. Using a PCB trace as a current
sense element is not recommended due to the high
temperature coefficient of copper, and due to etching and
plating tolerances which can occur from board to board.
The R and C values connected to the PROTECT pin for
setting the current limit delay and the off-time of the
hiccup mode are 100k
W and 1µF, respectively. These
values will protect most MOSFETs from overheating
during a short circuit condition. If it is necessary to change
the ratio of ON and OFF times during overcurrent
conditions, this can be done by selecting a different value
for C13. Larger values of C13 will increase the delay
between retry attempts (the length of the “hiccup”).
The voltage across current sense resistor R1 must be
Kelvin-sensed. This ensures that the ML4900 monitors only
the voltage across this resistor and not the voltage drops or
inductive transients in the PCB traces which carry current
into and out of this resistor. The two pins of the ML4900
which must be Kelvin-connected to the sense resistor are
ISENSE and GND. There is no connection inside the
ML4900 between GND (pin 8) and PWR GND (pin 12).
This is to facilitate the requisite Kelvin-sensing of the
voltage across R1. Because of this, there must be a good
electrical connection between the ML4900 PWR GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com