Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4900CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4900CS
Description  High Current Synchronous Buck Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4900CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4900CS Datasheet HTML 1Page - Micro Linear Corporation ML4900CS Datasheet HTML 2Page - Micro Linear Corporation ML4900CS Datasheet HTML 3Page - Micro Linear Corporation ML4900CS Datasheet HTML 4Page - Micro Linear Corporation ML4900CS Datasheet HTML 5Page - Micro Linear Corporation ML4900CS Datasheet HTML 6Page - Micro Linear Corporation ML4900CS Datasheet HTML 7Page - Micro Linear Corporation ML4900CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2000
ML4900*
High Current Synchronous Buck Controller
1
GENERAL DESCRIPTION
The ML4900 high current synchronous buck controller has
been designed to provide high efficiency DC/DC
conversion for next generation processors such as the
Pentium® Pro from Intel®.
The ML4900 controller, when combined with two
N-channel MOSFETs, generates output voltages between
2.1V and 3.5V from a 5V supply. The output voltage is
selected via an internal 4-bit DAC. Output currents in
excess of 14A can be attained at efficiencies greater than
90%.
The ML4900 can be enabled/disabled via the SHDN pin.
While disabled, the output of the regulator is completely
isolated from the circuit’s input supply. The ML4900
employs fixed-frequency PWM control combined with a
dual mode control loop to provide excellent load transient
response.
BLOCK DIAGRAM (Pin Configuration Shown for 16-Pin SOIC Version)
FEATURES
s
Designed to meet Pentium® Pro power supply
requirements
s
DC regulation to +1% maximum
s
Proprietary circuitry provides transient response of +5%
maximum over 300mA to 14A load range
s
Programmable output voltage (2.1V to 3.5V) is set by
an onboard 4-bit DAC
s
Synchronous N-channel buck topology for maximum
power conversion efficiency
s
Fixed frequency operation for easier system integration
s
Integrated antishoot-through logic, short circuit
protection, and UV lockout
s
Shutdown control provides load isolation
(* Indicates Part is End of Life as of July 1, 2000)
3.5V
REFERENCE
7
VREF
GND
N DRV H
N DRV L
ISENSE
PWR GOOD
15
UVLO
13
10
14
6
VDD
+
–
16
PROTECT
+
–
VDAC
1
D0
2
D1
3
D2
4
D3
4 BIT DAC
4.4V
10.5V
4V
8
5
SHDN
+
–
+
–
VFB
VDAC + 3%
VDAC - 3%
+
–
+
–
VFB
VDAC - 3%
VDAC - 10%
VDAC + 3%
VDAC + 10%
VFB
9
PWR GND
12
CONTROL
LOGIC
+
–
-73mV
+
–
VDAC
+
–
COMP
11
200kHz
35µA
+
–


Similar Part No. - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4901CT MICRO-LINEAR-ML4901CT Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4902CT MICRO-LINEAR-ML4902CT Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
More results

Similar Description - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com