Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6411 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6411
Description  Programmable Video Digitizer with Selectable Gain and Clamps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6411 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6411 Datasheet HTML 9Page - Micro Linear Corporation ML6411 Datasheet HTML 10Page - Micro Linear Corporation ML6411 Datasheet HTML 11Page - Micro Linear Corporation ML6411 Datasheet HTML 12Page - Micro Linear Corporation ML6411 Datasheet HTML 13Page - Micro Linear Corporation ML6411 Datasheet HTML 14Page - Micro Linear Corporation ML6411 Datasheet HTML 15Page - Micro Linear Corporation ML6411 Datasheet HTML 16Page - Micro Linear Corporation ML6411 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ML6411
13
Table 5. SGC Gain Mode
Table 6: Clamp Current for Various Clamp Levels
CHANNEL
REGISTER/BIT VALUES
GAIN FACTOR
A
REGISTER D, BIT D1 = "BOOSTA" = 0
GSGCA = 1
REGISTER D, BIT D1 = "BOOSTA" = 1
GSGCA = 1.25
B
REGISTER D, BIT D2 = "BOOSTB" = 0
GSGCB = 1
REGISTER D, BIT D2 = "BOOSTB" = 1
GSGCB = 1.25
CLAMP GATE SIGNAL
CLAMP LEVEL
OUTPUT
CLAMP CURRENT
0X
X
0
1
00
OUT < 16
700µA
00
OUT > 16
–700µA
01
OUT < 64
700µA
01
OUT > 64
–700µA
10
OUT < 24
700µA
10
OUT > 24
–700µA
11
OUT < 128
700µA
11
OUT > 128
–700µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com