Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6430 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 17Page - Micro Linear Corporation ML6430 Datasheet HTML 18Page - Micro Linear Corporation ML6430 Datasheet HTML 19Page - Micro Linear Corporation ML6430 Datasheet HTML 20Page - Micro Linear Corporation ML6430 Datasheet HTML 21Page - Micro Linear Corporation ML6430 Datasheet HTML 22Page - Micro Linear Corporation ML6430 Datasheet HTML 23Page - Micro Linear Corporation ML6430 Datasheet HTML 24Page - Micro Linear Corporation ML6430 Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ML6430/ML6431
21
REGISTER
DATA
DESCRIPTION
VALUE RANGE
BIT CODE
BIT
RANGE
7
0
DisAutoVCR
0=Auto VCR Detect ON
0 or 1
1=Disable Auto VCR Detect
7
1
Test 1
For test mode only:
No user programmable features. Set to 0
0
7
2
Ext 54
Low = Pin 3 is SLEEP
Clock IN
High = Pin 3 is Ext 54MHz Clock
0 or 1
7
3
PHERROUT or AUDIOCLK
Low=Pin 16 is Audio CLK, Pin 3 is
SLEEP
High=Pin 16 is PHERROUT, Pin 3
is RESET
0 or 1
8
0
FAud0
AudioClk Freq Bit 0
00 = 48kHz, 01 = 44.1kHz, 10 = 32kHz
00 to 10
8
1
FAud1
AudioClk Freq Bit 1
8
2
VCR
Enable VCR Mode
High = Enabled, Low = Disabled
8
3
SLEEP
Power Down Mode
High = Power Down, Low = Normal
9
0
Thresh0
Select ‘Out of Lock’ Threshold
00 = 2.5 Pixels
10 = 1.0 Pixels
00 to 11
9
1
Thresh1
01 = 2.5 Pixels
11 = 4.0 Pixels
9
2
VGA
Enable VGA Mode
High = Enabled, Low = Disabled
0 or 1
9
3
Div4
Enable /4 on M/N Loop
High = Enabled, Low = Disabled
0 or 1
10
0
FStd0
Freq Std Sel Bit 0
000 = NTSC SqPix
011 = PAL 601
000 to 100
10
1
FStd1
Freq Std Sel Bit 1
001 = PAL Sq Pix
100 = NTSC 4Fsc
10
2
FStd2
Freq Std Sel Bit 2
010 = NTSC 601
10
3
PALXTAL
Enable PAL Ref Freq
High = Enabled, Low = Disabled
0 or 1
Table 11. ML6431 Register Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com