Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6430 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 9Page - Micro Linear Corporation ML6430 Datasheet HTML 10Page - Micro Linear Corporation ML6430 Datasheet HTML 11Page - Micro Linear Corporation ML6430 Datasheet HTML 12Page - Micro Linear Corporation ML6430 Datasheet HTML 13Page - Micro Linear Corporation ML6430 Datasheet HTML 14Page - Micro Linear Corporation ML6430 Datasheet HTML 15Page - Micro Linear Corporation ML6430 Datasheet HTML 16Page - Micro Linear Corporation ML6430 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ML6430/ML6431
13
Locked (ML6431): The ML6431 must be line
(horizontal) locked to an input video source for at
least two fields and also be vertically locked before
the locked detect signal goes high. When a video
source is removed, the ML6431 will lose horizontal
lock after two entire fields with no video present.
However, vertical lock may be lost before horizontal
lock. Because the locked pin is the logical AND of
the internal horizontal locked and vertical locked
signals the locked pin may go low before the internal
horizontal locked signal.
VGA CLOCKS
For VGA applications the ML6431 is recommended.
Table 6 provides a list of the VGA clocks that can be
generated using the ML6431. To use the information in
Table 6 first find the resolution and refresh rate required.
Determine which crystal, PAL or NTSC is needed. Change
the crystal to the proper frequency if necessary. Over the
serial-bus, program the registers as indicated in Table 6.
Supply to pin 6 an horizontal sync signal at TTL or CMOS
levels and at the specified frequency. Trigger an
oscilloscope on the falling edge of the horizontal input to
view the outputs. The VGA pixel clock will be found on
pin 18. Other useful signals are noted in table 6. External
logic may be needed to produce usable vertical sync
pulses.
AUDIO CLOCKS
The audio modes can be activated via serial bus (Register
7). When this mode is activated an audio clock
frequency can be selected via serial bus (Register 8). See
Table 9.
FUNCTIONAL DESCRIPTION (Continued)
Figure 4a. ML6431 Freerun Mode State Diagram
INPUT VIDEO
WITHIN ±6%
RANGE
POWER UP
ML6431 W/
FREERUN PIN
"LOW" (TYPICAL)
POWER UP
ML6431 W/
FREERUN PIN
"HIGH" (TYPICAL)
IF NO VIDEO
FOR > 1 FRAME
TOGGLE
FREERUN PIN
"HIGH"
TOGGLE
FREERUN PIN
"HIGH"
TOGGLE
FREERUN PIN
"HIGH"
IF INPUT VIDEO
FOR > 1 FRAME
FREERUN PIN
"LOW"
IF NO VIDEO
FOR > 1 FRAME
FREERUN PIN
"LOW"
IF INPUT VIDEO
FOR > 1 FRAME
TOGGLE
FREERUN PIN
"HIGH"
INPUT VIDEO
OUTSIDE ±6%
RANGE
IF NO VIDEO
FOR > 2 FRAMES
HORIZONTAL
LOCKED
NO SIGNAL
PRESENT
3
FREERUN
MODE #1
5
HORIZONTAL
LOCKED
SIGNAL
PRESENT
2
HORIZONTAL
UNLOCKED
NO SIGNAL
PRESENT
4
FREERUN
MODE #2
6
HORIZONTAL
UNLOCKED
SIGNAL
PRESENT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com