Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6518CS Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6518CS
Description  18 Line Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6518CS Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6518CS Datasheet HTML 1Page - Micro Linear Corporation ML6518CS Datasheet HTML 2Page - Micro Linear Corporation ML6518CS Datasheet HTML 3Page - Micro Linear Corporation ML6518CS Datasheet HTML 4Page - Micro Linear Corporation ML6518CS Datasheet HTML 5Page - Micro Linear Corporation ML6518CS Datasheet HTML 6Page - Micro Linear Corporation ML6518CS Datasheet HTML 7Page - Micro Linear Corporation ML6518CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ML6518
PIN DESCRIPTION
TQFP
SOIC
PIN#
PIN#
NAME
FUNCTION
1
25
L1
Signal termination for SCSI
bus line 1
2
26
L2
Signal termination for SCSI
bus line 2
3
27
L3
Signal termination for SCSI
bus line 3
4
28
L4
Signal termination for SCSI
bus line 4
5
1
L5
Signal termination for SCSI
bus line 5
6
2
L6
Signal termination for SCSI
bus line 6
7
3
L7
Signal termination for SCSI
bus line 7
8
4
L8
Signal termination for SCSI
bus line 8
9
6
L9
Signal termination for SCSI
bus line 9
11–14, 7, 22, GND
Ground
27–30
23
15
8
DISCNKT Terminator disconnect. Logic
input to disconnect the
terminator from the bus when
the SCSI device no longer
needs termination. DISCNKT
has a 200ký internal pull-up
resistor connected to
TERMPWR for use with a
mechanical switch
TQFP
SOIC
PIN#
PIN#
NAME
FUNCTION
16
11
L10
Signal termination for SCSI
bus line 10
17
12
L11
Signal termination for SCSI
bus line 11
18
13
L12
Signal termination for SCSI
bus line 12
19
14
L13
Signal termination for SCSI
bus line 13
20
15
L14
Signal termination for SCSI
bus line 14
21
16
L15
Signal termination for SCSI
bus line 15
22
17
L16
Signal termination for SCSI
bus line 16
23
18
L17
Signal termination for SCSI
bus line 17
24
19
L18
Signal termination for SCSI
bus line 18
25, 26
20, 21 TERMPWR Power should be connected
to the SCSI TERMPWR line.
A 22µF tantalum bypass
capacitor is recommended
as shown in the application
diagram
31, 32
24
VREF
2.85V VREF output. External
decoupling with a 10µF
tantalum in parallel with a
0.1µF ceramic capacitor is
recommended as shown in the
application diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com