Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6518CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6518CS
Description  18 Line Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6518CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6518CS Datasheet HTML 1Page - Micro Linear Corporation ML6518CS Datasheet HTML 2Page - Micro Linear Corporation ML6518CS Datasheet HTML 3Page - Micro Linear Corporation ML6518CS Datasheet HTML 4Page - Micro Linear Corporation ML6518CS Datasheet HTML 5Page - Micro Linear Corporation ML6518CS Datasheet HTML 6Page - Micro Linear Corporation ML6518CS Datasheet HTML 7Page - Micro Linear Corporation ML6518CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ML6518
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Signal Line Voltage ...... GND – 0.3V to TERMPWR + 0.3V
Regulator Output Current ................................... ±500mA
TERMPWR Voltage .......................................... –0.3 to 7V
Junction Temperature ............................................. 150°C
Storage Temperature Range ...................... –65°C to 150°C
Lead Temperature (Soldering 10 sec) .................... +260°C
Thermal Resistance (
qJA)
SOIC Package .................................................. 75°C/W
TQFP Package .................................................. 65°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
TERMPWR Voltage Range ........................... 4.0V to 5.25V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TERMPWR = 4V to 5.25V, TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
TERMPWR Supply Current
L1-L18 open, DISCNKT open
5
7
mA
L1-L18 = 0.2V, DISCNKT open
450
500
mA
Disconnect Mode Current
DISCNKT = 0V
75
100
µA
DISCNKT
Input Low Voltage
1.0
V
Input High Voltage
TERMPWR
V
–1.0
Output
Output High Voltage
Each line measured with other 17
2.8
2.85
2.9
V
lines high
Output Current (Normal Mode)
VOUT = 0.2V, each line measured
20
24
mA
with other 17 lines high
Hot Insertion Peak Current
TERMPWR = 0V, VREF = 0V,
1
2
µA
Any or all signal lines = 2.85V
Output Clamp Voltage
IOUT = –30mA
–150
150
mV
Sinking Current (per line)
VOUT = 3.3V
10
12
mA
Output Capacitance
DISCNKT = 0V, 2VP-P 100kHz square
4
5
pF
(Micro Linear method)
wave biased at 1V applied to the
output
Output Capacitance
DISCNKT = 0V, 0.4VP-P 1MHz square
6
7
pF
(X3T9.2/855D method)
wave biased at 0.5V applied to the
output
Regulator
Output Voltage
Sourcing 0-400mA
2.8
2.85
2.9
V
Sinking 0-150mA
2.8
2.85
2.9
V
Sinking Current
VLINE = 3.5
240
300
mA
Short Circuit Current
VREF = 0V
300
mA
VREF = 5V
600
mA
Dropout Voltage
L1–L18 = 0.2V
1.0
1.2
V
Thermal Shutdown
170
°C
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com