Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6554 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6554
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6554 Datasheet HTML 6Page - Micro Linear Corporation ML6554 Datasheet HTML 7Page - Micro Linear Corporation ML6554 Datasheet HTML 8Page - Micro Linear Corporation ML6554 Datasheet HTML 9Page - Micro Linear Corporation ML6554 Datasheet HTML 10Page - Micro Linear Corporation ML6554 Datasheet HTML 11Page - Micro Linear Corporation ML6554 Datasheet HTML 12Page - Micro Linear Corporation ML6554 Datasheet HTML 13Page - Micro Linear Corporation ML6554 Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ML6554
13
NOVEMBER, 1999
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6554CU
0°C to 70°C
16-Pin PSOP (U16)
DS6554-01
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.150 - 0.157
3.81 - 3.99
0.230 - 0.244
(5.84 - 6.20)
0.386 - 0.393
9.80 - 9.98
0.014 - 0.019
(0.35 - 0.49)
0.050 BSC
(1.27 BSC)
0.016 - 0.035
(0.41 - 0.89)
0.061 - 0.068
(1.55 - 1.73)
0.00 - 0.004
(0.127 - 0.25)
0.055 - 0.061
(1.40 - 1.55)
16
0.0075 - 0.0098
(0.19 - 0.25)
0º - 8º
1
0.017 - 0.027
0.43 - 0.69
(4 PLACES)
Package: U16
16-Pin PSOP
PIN 1 ID
HEAT SLUG
HEAT SLUG
DIMENSIONS:
0.079
× 0.279
(2.01
× 7.09)
© Micro Linear 1999.
is a registered trademark of Micro Linear Corporation. All other trademarks are the
property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116;
5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376;
5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174;
5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223;
5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other patents are pending.
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents
of this publication and reserves the right to make changes to specifications and product descriptions at any time without
notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted
by this document. The circuits contained in this document are offered as possible applications only. Particular uses or
applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged
to perform its own engineering review before deciding on a particular application. Micro Linear assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear products including
liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property
right. Micro Linear products are not designed for use in medical, life saving, or life sustaining applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com