Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65541 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML65541
Description  High Speed Octal Buffer/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65541 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML65541 Datasheet HTML 1Page - Micro Linear Corporation ML65541 Datasheet HTML 2Page - Micro Linear Corporation ML65541 Datasheet HTML 3Page - Micro Linear Corporation ML65541 Datasheet HTML 4Page - Micro Linear Corporation ML65541 Datasheet HTML 5Page - Micro Linear Corporation ML65541 Datasheet HTML 6Page - Micro Linear Corporation ML65541 Datasheet HTML 7Page - Micro Linear Corporation ML65541 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 1996
ML65541/ML65L541*
High Speed Octal Buffer/Line Drivers
BLOCK DIAGRAM
1
GENERAL DESCRIPTION
The ML65541 and ML65L541 are non-inverting octal
buffer/line drivers. The high operating frequency (50MHz
driving a 50pF load) and low propagation delay
(ML65541 – 1.7 ns, ML65L541 – 2 ns) make them ideal
for very high speed applications such as processor bus
buffering and cache and main memory control.
These buffers use a unique analog implementation to
eliminate the delays inherent in traditional digital designs.
Schottky clamps reduce under and overshoot, and special
output driver circuits limit ground bounce. The ML65541
and ML65L541 conform to the pinout and functionality of
the industry standard FCT541 and are intended for
applications where propagation delay is critical to the
system design.
Note: This part was previously numbered ML6581.
FEATURES
s Low propagation delay — 1.7ns ML65541
2.0ns ML65L541
s Fast 8-bit TTL level buffer/line driver with three-state
capability on the output
s TTL compatible input and output levels
s Schottky diode clamps on all inputs to handle
undershoot and overshoot
s Onboard schottky diodes minimize noise
s Reduced output swing of 0 – 4.1 volts
s Ground bounce controlled outputs, typically less
than 400mV
s Industry standard FCT541 type pinout
s Applications include high speed cache memory, main
memory, processor bus buffering, and graphics cards
*This Part Is Obsolete
OE2
2
A0
18
B0
3
A1
17
B1
4
A2
16
B2
5
A3
15
B3
6
A4
14
B4
7
A5
13
B5
8
A6
12
B6
9
A7
11
B7
1
19
OE1
GND
10
VCC
20
VCC


Similar Part No. - ML65541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Fairchild Semiconductor
ML6554CU FAIRCHILD-ML6554CU Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554CU MICRO-LINEAR-ML6554CU Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Fairchild Semiconductor
ML6554IU FAIRCHILD-ML6554IU Datasheet
386Kb / 14P
3A Bus Termination Regulator
More results

Similar Description - ML65541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC240 TI-CD74HC240 Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HCT541 TI-CD54HCT541 Datasheet
319Kb / 16P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC540 TI-CD54HC540 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC540 TI-CD54HC540_08 Datasheet
497Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com