Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6599 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6599
Description  Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6599 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6599 Datasheet HTML 1Page - Micro Linear Corporation ML6599 Datasheet HTML 2Page - Micro Linear Corporation ML6599 Datasheet HTML 3Page - Micro Linear Corporation ML6599 Datasheet HTML 4Page - Micro Linear Corporation ML6599 Datasheet HTML 5Page - Micro Linear Corporation ML6599 Datasheet HTML 6Page - Micro Linear Corporation ML6599 Datasheet HTML 7Page - Micro Linear Corporation ML6599 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ML6599
ABSOLUTE MAXIMUM RATINGS
Signal Line Voltage .................. –0.3 to TERMPWR + 0.3V
Regulator Output Current ......................... –100 to 300mA
TERMPWR Voltage ........................................... –0.3 to 7V
Storage Temperature ................................. –65
°C to 150°C
Soldering Temperature ................................ 260
°C for 10s
Thermal Impedance (
θJA)
SOIC ................................................................ 95
°C/W
TSSOP ............................................................ 110
°C/W
OPERATING CONDITIONS
TERMPWR Voltage ........................................ 4V to 5.25V
Operating Temperature ................................. 0
°C to 70°C
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for 4V
≤ TERMPWR ≤ 5.25V, and TA = 0°C to 70°C (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
TERMPWR Supply Current
L1–L9 = open,
DISCNKT = open
4.5
5.5
mA
L1–L9 = 0.2 V,
DISCNKT = open
225
250
mA
Disconnect Mode Current
DISCNKT = 0 (active)
75
100
µA
DISCNKT
Input Low Voltage
1.0
V
Input High Voltage
TERMPWR – 1.0
V
Output
Output High Voltage
Measuring each signal line
2.8
2.85
2.9
V
while other eight are high
Output Current
VOUT = 0.2V, Measuring each signal
20
24
mA
(Normal Mode)
line while the other eight are high
Hot Insertion Peak Current
TERMPWR = 0V, VREF = 0V
1
2
µA
Any signal line (L1–L9) at 2.85V
Output Clamp Level
IOUT = –30mA (Note 2)
–0.15
0
0.15
V
Sinking Current (per line)
VOUT = 3.3V (per line)
10
12
mA
Output Capacitance
L1 thru L9,
DISCNKT = 0
4
5
pF
(Micro Linear Method)
2VP-P 100kHz square wave
applied biased at 1V D.C.
Output Capacitance
L1 thru L9,
DISCNKT = 0
6
7
pF
(X3T9.2/855D method)
0.4VP-P, 1MHz square wave
applied biased at 0.5V D.C.
Regulator
Output Voltage
Sourcing 0-200mA
2.8
2.85
2.9
V
Sinking 0-100mA
2.8
2.85
2.9
V
Sinking Current
V = 3.5V
125
150
mA
Short Circuit Current
VREF = 0V
150
mA
VREF = 5V
300
mA
Dropout Voltage
L1–L9 = 0.2V
1.0
1.2
V
Thermal Shutdown
170
°C
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com