Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6599 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6599
Description  Hot-Insertable Active SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6599 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6599 Datasheet HTML 1Page - Micro Linear Corporation ML6599 Datasheet HTML 2Page - Micro Linear Corporation ML6599 Datasheet HTML 3Page - Micro Linear Corporation ML6599 Datasheet HTML 4Page - Micro Linear Corporation ML6599 Datasheet HTML 5Page - Micro Linear Corporation ML6599 Datasheet HTML 6Page - Micro Linear Corporation ML6599 Datasheet HTML 7Page - Micro Linear Corporation ML6599 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 1997
ML6599
*
Hot-Insertable Active SCSI Terminator
GENERAL DESCRIPTION
The ML6599 BiCMOS 9 line SCSI terminator provides
active termination in SCSI systems using single ended
drivers and receivers. Active SCSI termination helps to
effectively control analog transmission line effects such as
ringing, noise, crosstalk, and ground bounce. In addition,
the ML6599 provides support for hot-insertability on the
SCSI bus.
The ML6599 provides a V-I characteristic optimized to
minimize transmission line effects during both signal
negation and assertion using a MOSFET-based
architecture. The desired V-I characteristic is achieved by
trimming one resistor in the control block. Internal
clamping controls signal assertion transients and provides
current sink capability to handle active negation driver
overshoots above 2.85V. It provides a 2.85V reference
through an internal low dropout (1V) linear regulator.
The ML6599 also provides a disconnect function which
effectively removes the terminator from the SCSI bus. The
disconnect mode capacitance is typically less than 5pF
per line. Current limiting and thermal shutdown
protection are also included.
*Some Packages Are Obsolete
BLOCK DIAGRAM
NCLAMP = Negative Clamp
TERMPWR
LINEAR
REGULATOR
1V DROPOUT
2.85V
DISCNKT
CONTROL
BLOCK
VREF
RTRIM
MOSFETs WITH IMAX = 24mA
NCLAMP
9 TERMINATION LINES
. . .
. . .
NCLAMP
NCLAMP
. . .
GND
L2
L9
L1
VREF
2.85V
1
FEATURES
s
Fully monolithic IC solution providing active
termination for 9 lines of the SCSI bus
s
Provides on board support for hot-insertability on the
SCSI bus
s
Low dropout voltage (1V) linear regulator, trimmed for
accurate termination current
s
Output capacitance typically < 5pF
s
Disconnect mode — logic pin to disconnect terminator
from the SCSI bus, <100
µA
s
Current sinking — can sink current in excess of 10mA
per line to handle active negation driver overshoots
above 2.85V
s
Negative clamping on all lines to handle signal
assertion transients
s
Regulator can source 200mA and sink 100mA while
maintaining regulation
s
Current limit & thermal shutdown protection


Similar Part No. - ML6599

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
ML65 Series DC-DC Converter
logo
Minilogic Device Corpor...
ML65 MINILOGIC-ML65 Datasheet
1Mb / 7P
DC-DC Converter
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
ML6509CS MICRO-LINEAR-ML6509CS Datasheet
232Kb / 10P
Active SCSI Terminator
ML6509CT MICRO-LINEAR-ML6509CT Datasheet
232Kb / 10P
Active SCSI Terminator
More results

Similar Description - ML6599

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
UC5602 TI-UC5602 Datasheet
361Kb / 6P
SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
SCSI active terminator
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
18 Line Hot-Insertable Active SCSI Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com