Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6622CS Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6622CS
Description  High-Speed Data Quantizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6622CS Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6622CS Datasheet HTML 1Page - Micro Linear Corporation ML6622CS Datasheet HTML 2Page - Micro Linear Corporation ML6622CS Datasheet HTML 3Page - Micro Linear Corporation ML6622CS Datasheet HTML 4Page - Micro Linear Corporation ML6622CS Datasheet HTML 5Page - Micro Linear Corporation ML6622CS Datasheet HTML 6Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ML6622
Micro Linear
PIN DESCRIPTION
PIN#
NAME
FUNCTION
1
ENABLE
ECL input active low. When this input
is tied to LINKLED the ECL comparator
output is automatically enabled and
disabled by the Link Detect circuit.
This input can be tied to GND for
continuous enable. When the ECL
Comparator is disabled, ECL OUT–
goes low and ECL OUT+ goes high.
2
LINKLED
Link Detect Status output. LINKLED is
an open collector active low signal. It
will be active low when the input
signal applied to VIN+,VIN– exceeds
the programmed threshold level at the
THIN pin. Capable of driving a 20mA
LED indicator.
3VCC
Positive Power Supply. +5 volts
4 ECL OUT+
Positive and Negative ECL Comparator
5
ECL OUT–
outputs. 1mA internal pull downs are
incorporated.
6
GND
Ground connection. Used for less
noise sensitive nodes.
7
LINK+
Positive ECL Link Detect output. Active
high when the input signal exceeds the
programmed Link Detect threshold.
1mA internal pull down current
sources.
8
LINK –
Negative ECL Link Detect output.
Active low when the input signal
exceeds the programmed Link Detect
threshold. 1mA internal pull down
current sources.
9VREF
A 2.5V reference with respect to GND.
NAME PIN #
FUNCTION
10
THIN
Threshold Input. A voltage applied to
this input pin sets the minimum
amplitude of the input signal required
to cause the link detect to activate. In
most cases this can be tied to VREF.
11
GNDA
Ground connection for noise sensitive
circuits in the chip; the input amplifier,
DC restoration loop, part of the
Comparator and part of the link detect
circuit. In some system designs, it may
be advantageous to separate GND and
GNDA.
12
VIN–
This input pin should be capacitively
coupled to the input source or to VCCA.
13
VIN+
This input pin should be capacitively
coupled to the input source or to VCCA.
14
VCCA
Positive power supply VCC for noise
sensitive circuits as mentioned in
GNDA. +5 volts.
15
CAP
A capacitor is tied from this pin to
VREF. This capacitor sets the lower
frequency rejection and helps remove
internal DC offset. This capacitor
should be 10 times larger than the
input capacitors.
16
CTIMER
A capacitor from this pin to ground
determines the Link Detect response
time. To Meet FDDI specifications this
capacitor should be 2,000pF. This
capacitor can be removed for faster
response time.
ML6622
16-Pin Narrow SOIC (S16N)
PIN CONNECTION
TOP VIEW
ENABLE
LINKLED
VCC
ECL OUT+
ECL OUT–
GND
LINK+
LINK–
CTIMER
CAP
VCCA
VIN+
VIN–
GNDA
THIN
VREF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com