Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6622CS Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6622CS
Description  High-Speed Data Quantizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6622CS Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6622CS Datasheet HTML 1Page - Micro Linear Corporation ML6622CS Datasheet HTML 2Page - Micro Linear Corporation ML6622CS Datasheet HTML 3Page - Micro Linear Corporation ML6622CS Datasheet HTML 4Page - Micro Linear Corporation ML6622CS Datasheet HTML 5Page - Micro Linear Corporation ML6622CS Datasheet HTML 6Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ML6622
Micro Linear
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ....................................................... GND –0.3V to 6V
VCCA ..................................................... GND –0.3V to 6V
Inputs/Outputs .......................... GND – 0.3V to VCC + 0.3
Junction Temperature ............................................. 150
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = VCC = 5V ± 10%, TA = Operating Temperature Range. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
VCC Supply Current
No load on ECL outputs
35
50
mA
VREF
Reference Voltage
2.30
2.47
2.57
V
IVREF
VREF Output Current
–1
3
+5
mA
VIN
Input Signal Range
3.5
1600
mVP-P
VTH ADJ
External Voltage
0.5
VREF
V
Range
at THIN to set VTH
EN
Input-referred Voltage Noise
100 MHz BW
25
µVRMS
RIN
Input Resistance
VIN+, VIN–
500
770
1500
Ω
ITHIN
Input Bias Current of THIN
–100
+100
µA
VOL-VCC
ECL Output Voltage-Low
Through 50
Ω to VCC –2V
–1.810
–1.730
–1.620
V
VOH-VCC
ECL Output Voltage-High
Through 50
Ω to VCC –2V C Suffix
–1.025
–0.963
–0.800
V
I Suffix
–1.025
–0.963
–0.780
V
tr
Data Output Rise Time
0.5
1.3
ns
tf
Data Output Fall Time
0.5
1.3
ns
Link Detect
AS_Max
Assert Time (off to on)
CTIME = 2000pF
0
100
µs
ANS_Max Deassert Time (on to off)
CTIME = 2000pF
0
350
µs
VTH
Input threshold
THIN = VREF Assert
8
10
12
mV
Hysteresis
1.5
1.7
2
dB
BW
Bandwidth 1-3dB
200
MHz
VIPW
Minimum Input Pulse Width
5
ns
DCD
Duty Cycle Distortion
Data rate = 155Mb/s
Peak-to-peak
50% duty cycle input
0.5
ns
DDJ
Data Dependent Jitter
FDDI – 56 Data Pattern
Peak-to-peak
VIN = 60mV, Data rate = 125Mb/s
1.2
ns
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case conditions.
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering 10 sec.) ...................... 260
°C
Thermal Resistance ........................................... 100
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com