Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F004B3 Datasheet(PDF) 13 Page - Micron Technology

Part # MT28F004B3
Description  FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F004B3 Datasheet(HTML) 13 Page - Micron Technology

Back Button MT28F004B3 Datasheet HTML 9Page - Micron Technology MT28F004B3 Datasheet HTML 10Page - Micron Technology MT28F004B3 Datasheet HTML 11Page - Micron Technology MT28F004B3 Datasheet HTML 12Page - Micron Technology MT28F004B3 Datasheet HTML 13Page - Micron Technology MT28F004B3 Datasheet HTML 14Page - Micron Technology MT28F004B3 Datasheet HTML 15Page - Micron Technology MT28F004B3 Datasheet HTML 16Page - Micron Technology MT28F004B3 Datasheet HTML 17Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
4Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
F45_3.p65 – Rev. 3, Pub. 12/01
©2001, Micron Technology, Inc.
4Mb
SMART 3 BOOT BLOCK FLASH MEMORY
ERASE SEQUENCE
Executing an ERASE sequence sets all bits within a
block to logic 1. The command sequence necessary to
execute an ERASE is similar to that of a WRITE. To provide
added security against accidental block erasure, two con-
secutive command cycles are required to initiate anERASE
of a block. In the first cycle, addresses are “Don’t Care,”
and ERASE SETUP (20h) is given. In the second cycle, VPP
must be brought to VPPH, an address within the block to
be erased must be issued, and ERASE CONFIRM (D0h)
must be given. If a command other than ERASE CON-
FIRM is given, the write and erase status bits (SR4 and
SR5) are set, and the device is in the status register read
mode.
After the ERASE CONFIRM (D0h) is issued, the ISM
starts the ERASE of the addressed block. Any READ op-
eration outputs the status register contents on DQ0–
DQ7. VPP must be held at VPPH until the ERASE is com-
pleted (SR7 = 1). When the ERASE is completed, the
device is in the status register read mode until another
command is issued. Erasing the boot block also requires
that either the RP# pin be set to VHH or the WP# pin be
held HIGH at the same time VPP is set to VPPH.
ERASE SUSPENSION
The only command that may be issued while an ERASE
is in progress is ERASE SUSPEND. This command en-
ables other commands to be executed while pausing the
ERASE in progress. When the device has reached the
erase suspend mode, the erase suspend status bit (SR6)
and ISM status bit (SR7) are set. The device may now be
given a READ ARRAY, ERASE RESUME or READ STATUS
REGISTER command. After READ ARRAY has been is-
sued, any location not within the block being erased may
be read. If ERASE RESUME is issued before SR6 has been
set, the device immediately proceeds with the ERASE in
progress.
ERROR HANDLING
After the ISM status bit (SR7) has been set, the VPP
(SR3), write (SR4) and erase (SR5) status bits may be
checked. If one or a combination of these three bits has
been set, an error has occurred. The ISM cannot reset
these three bits. To clear these bits, CLEAR STATUS REG-
ISTER (50h) must be given. If the VPP status bit (SR3) is set,
further WRITE or ERASE operations cannot resume until
the status register is cleared. Table 4 lists the combina-
tion of errors.
Table 4
Status Register Error Code Description1
STATUS BITS
SR5
SR4
SR3
ERROR DESCRIPTION
0
0
0
No errors
001
VPP voltage error
0
1
0
WRITE error
0
1
1
WRITE error, VPP voltage not valid at time of WRITE
1
0
0
ERASE error
1
0
1
ERASE error, VPP voltage not valid at time of ERASE CONFIRM
1
1
0
Command sequencing error or WRITE/ERASE error
1
1
1
Command sequencing error, VPP voltage error, with WRITE and ERASE errors
NOTE: 1. SR3-SR5 must be cleared using CLEAR STATUS REGISTER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com