Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0331 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0331
Description  Full HD Digital Image Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 7Page - ON Semiconductor AR0331 Datasheet HTML 8Page - ON Semiconductor AR0331 Datasheet HTML 9Page - ON Semiconductor AR0331 Datasheet HTML 10Page - ON Semiconductor AR0331 Datasheet HTML 11Page - ON Semiconductor AR0331 Datasheet HTML 12Page - ON Semiconductor AR0331 Datasheet HTML 13Page - ON Semiconductor AR0331 Datasheet HTML 14Page - ON Semiconductor AR0331 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
10
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Functional Overview
Table 1:
Pin Descriptions
Pin Number
Name
Type
Description
1DOUT4
Output
Parallel pixel data output.
2DOUT5
Output
Parallel pixel data output.
3DOUT6
Output
Parallel pixel data output.
4VDD_PLL
Power
PLL power.
5
EXTCLK
Input
External input clock.
6DGND
Power
Digital ground.
7DOUT7
Output
Parallel pixel data output.
8DOUT8
Output
Parallel pixel data output.
9DOUT9
Output
Parallel pixel data output.
10
DOUT10
Output
Parallel pixel data output.
11
DOUT11
Output
Parallel pixel data output (MSB).
12
VDD_IO
Power
I/O supply power.
13
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
14
VDD
Power
Digital power.
15
SCLK
Input
Two-Wire Serial clock input.
16
SDATA
I/O
Two-Wire Serial data I/O.
17
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory
default.
18
VDD_IO
Power
I/O supply power.
19
VDD
Power
Digital power.
20
NC
21
NC
22
NC
23
OE_BAR
Input
Output enable (active LOW).
24
SADDR
Input
Two-Wire Serial address select. 0: 0x20. 1: 0x30
25
TEST
Input
Manufacturing test enable pin (connect to DGND).
26
FLASH
Output
Flash output control.
27
TRIGGER
Input
Receives slave mode VD signal for frame rate synchronization and trigger
to start a GRR frame.
28
FRAME_VALID
Output
Asserted when DOUT frame data is valid.
29
LINE_VALID
Output
Asserted when DOUT line data is valid.
30
DGND
Power
Digital ground
31
Reserved
32
SHUTTER
Output
Control for external mechanical shutter. Can be left floating if not used.
33
Reserved
34
VAA
Power
Analog power.
35
AGND
Power
Analog ground.
36
VAA
Power
Analog power.
37
VAA_PIX
Power
Pixel power.
38
VAA_PIX
Power
Pixel power.
39
AGND
Power
Analog ground.
40
VAA
Power
Analog power.
41
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com