Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0331 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0331
Description  Full HD Digital Image Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 9Page - ON Semiconductor AR0331 Datasheet HTML 10Page - ON Semiconductor AR0331 Datasheet HTML 11Page - ON Semiconductor AR0331 Datasheet HTML 12Page - ON Semiconductor AR0331 Datasheet HTML 13Page - ON Semiconductor AR0331 Datasheet HTML 14Page - ON Semiconductor AR0331 Datasheet HTML 15Page - ON Semiconductor AR0331 Datasheet HTML 16Page - ON Semiconductor AR0331 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
12
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Functional Overview
Table 2:
Pin Descriptions, 48 iLCC
Pin Number
Name
Type
Description
1
SLVSC_N
Output
HiSPi serial DDR clock differential N.
2
SLVS1_P
Output
HiSPi serial data, lane 1, differential P.
3
SLVS1_N
Output
HiSPi serial data, lane 1, differential N.
4
SLVS0_P
Output
HiSPi serial data, lane 0, differential P.
5
SLVS0_N
Output
HiSPi serial data, lane 0, differential N.
6NC
7VDD_SLVS
Power
0.3V-0.6V or 1.7V - 1.9V port to HiSPi Output Driver. Set the High_VCM
(R0x306E[9]) bit to 1 when configuring VDD_SLVS to 1.7 – 1.9V.
8VDD_IO
Power
I/O supply power.
9DGND
Power
Digital ground.
10
VDD
Power
Digital power.
11
EXTCLK
Input
External input clock.
12
VDD
Power
Digital power.
13
DGND
Digital ground.
14
VDD_IO
Power
I/O supply power.
15
SDATA
I/O
Two-Wire Serial data I/O.
16
SCLK
Input
Two-Wire Serial clock input.
17
TEST
Manufacturing test enable pin (connect to DGND).
18
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory
default.
19
VDD
Power
Digital power.
20
DGND
Power
Digital ground.
21
VDD_IO
Power
I/O supply power.
22
NC
23
SADDR
Input
Two-Wire Serial address select. 0: 0x20. 1: 0x30
24
NC
25
OE_BAR
Output enable (active LOW).
26
TRIGGER
Input
Receives slave mode VD signal for frame rate synchronization and trigger
to start a GRR frame.
27
FLASH
Output
Flash output control.
28
DGND
Power
29
VDD_PLL
Power
PLL power.
30
Reserved
31
AGND
Power
Analog ground.
32
VAA
Power
Analog power.
33
Reserved
34
SHUTTER
Output
Control for external mechanical shutter. Can be left floating if not used.
35
VAA_PIX
Power
Pixel power.
36
VAA_PIX
Power
Pixel power.
37
NC
38
VAA
Power
Analog power.
39
NC
40
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com