Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0835HS Datasheet(PDF) 53 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 53 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 49Page - ON Semiconductor AR0835HS Datasheet HTML 50Page - ON Semiconductor AR0835HS Datasheet HTML 51Page - ON Semiconductor AR0835HS Datasheet HTML 52Page - ON Semiconductor AR0835HS Datasheet HTML 53Page - ON Semiconductor AR0835HS Datasheet HTML 54Page - ON Semiconductor AR0835HS Datasheet HTML 55Page - ON Semiconductor AR0835HS Datasheet HTML 56Page - ON Semiconductor AR0835HS Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Gain
AR0835HS_DS Rev. D Pub. 5/15 EN
53
©Semiconductor Components Industries, LLC, 2015.
Gain
AR0835HS supports both analog and digital gain.
Analog gain
Analog gain is provided by colamp and ADC reference scaling (there is no ASC gain due
to column parallel nature of architecture). Only global (not per-color) coarse gain can be
set by analog gain. Global gain register (R0x305E) sets the analog gain. Bits [1:0] set the
colamp gain while bits [4:2] are reserved for ADC gain. While the 2-bit colamp gain
provides up to 4x analog gain, only LSB (bit [2]) of ADC gain bits is utilized to support 2x
ADC gain. Table 16 is the recommended gain setting:
Digital Gain
Digital gain provides both per-color and fine (sub 1x) gain. The analog and digital gains
are multiplicative to give the total gain. Digital gain is set by setting bits R0x305E[15:5] to
set global gain or by individually setting digital color gain R0x3056-C[15:5] where these
11 bits are designed in 4p7 format i.e. 4 MSB provide gain up to 15x in step of 1x while 7
LSB provide sub-1x gain with a step size of 1/128. This sub-1x gain provides the fine gain
control for the sensor.
Total Gain
Max. total gain required by design spec is 8x (analog) and 16x (digital) with min. step size
of 1/8. The total gain equation can be formulated as:
(EQ 17)
where X is 6, 8, A, C, for Gr, B, R and Gb, respectively
Note:
ON Semiconductor recommends using the registers mentioned above for gain set-
tings. Avoid R0x3028 to R0x3038 unless their mapping to above registers is well under-
stood and taken into account.
Temperature Sensor
A standalone PTAT based temperature sensor has been implemented. The block is
controlled independent of sensor timing and all communication happens through the
two-wire serial interface.
Table 16:
Recommended Analog Gain Setting
Colamp Gain Codes
(R0x305E[1:0])
ADC Gain Codes
(R0x305E[4:2])
Colamp
Gain
ADC Gain
Total
Gain
0
0
000111
0
1
000212
1
0
000313
1
1
000414
1
0
001326
1
1
001428
Total gain
1
dec R0x305E[1:0]

+

1
R0x305E[2]
+

dec R0x305X[15:5]

128
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com