Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0835HS Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 2 Page - ON Semiconductor

  AR0835HS Datasheet HTML 1Page - ON Semiconductor AR0835HS Datasheet HTML 2Page - ON Semiconductor AR0835HS Datasheet HTML 3Page - ON Semiconductor AR0835HS Datasheet HTML 4Page - ON Semiconductor AR0835HS Datasheet HTML 5Page - ON Semiconductor AR0835HS Datasheet HTML 6Page - ON Semiconductor AR0835HS Datasheet HTML 7Page - ON Semiconductor AR0835HS Datasheet HTML 8Page - ON Semiconductor AR0835HS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
AR0835HS_DS Rev. D Pub. 5/15 EN
2
©Semiconductor Components Industries, LLC, 2015.
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Ordering Information
Notes:
1. 1 Gbps/Lane HiSPi and 896 Mbps/Lane MIPI data transfer rate
2. Values measured at T=25°C and nominal voltages.
Ordering Information
SNRMAX
36 dB
Dynamic Range
64 dB
Operating
Temperature
Range (at
junction) -TJ
-30°C to +70°C
Table 2:
Modes of Operation and Power Consumption
Mode
Active Readout
Window (col x row)
Sensor Output
Resolution (col x row)
Mode
FPS
Typical Power
Consumption
[mW]2
Full Resolution 4:3
8Mp
3264 x 2448
3264x2448
Full mode
46/42
420
8Mp
3264 x 2448
3264x2448
Full mode
30
370
Full Resolution 16:9
6Mp
3264x1836
3264x1836
Full mode
60
420
6Mp
3264x1836
3264x1836
Full mode
30
370
4:3 Video Mode
VGA
3264 x 2448
640 x 480
Skip4
180
370
QVGA
3264 x 2448
320x240
Skip4
240
370
16:9 Video Mode
1080p
3264 x 1836
1920 x 1080
Scaling
30
360
1080p
3264x1836
1920x1080
Scaling
60
420
720p
3264 x 1836
1280 x 720
Bin2-Sum2
120
390
720p
3264 x 1836
1280 x 720
Scaling
60
420
720p
3264 x 1836
1280 x 720
Bin2 + Scaling
60
250
Table 3:
Available Part Numbers
Part Number
Product Description
Orderable Product Attribute Description
AR0835HS3C12SUAA0-DP
8 MP 1/3" CIS
Dry Pack with Protective Film
AR0835HS3C12SUAA0-DR
8 MP 1/3" CIS
Dry Pack without Protective Film
Table 1:
Key Performance Parameters (continued)
Parameter
Typical Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com