Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS260 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 28Page - ON Semiconductor AS260 Datasheet HTML 29Page - ON Semiconductor AS260 Datasheet HTML 30Page - ON Semiconductor AS260 Datasheet HTML 31Page - ON Semiconductor AS260 Datasheet HTML 32Page - ON Semiconductor AS260 Datasheet HTML 33Page - ON Semiconductor AS260 Datasheet HTML 34Page - ON Semiconductor AS260 Datasheet HTML 35Page - ON Semiconductor AS260 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
32
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Hardware Functions
Sequential Read, Start from Random Location
This sequence (Figure 25) starts in the same way as the single read from random location
(Figure 23). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit, and continues to perform
byte reads until L bytes have been read.
Figure 25:
Sequential Read, Start from Random Location
Sequential Read, Start from Current Location
This sequence (Figure 26) starts in the same way as the single read from current location
(Figure 24). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit, and continues to perform
byte reads until L bytes have been read.
Figure 26:
Sequential Read, Start from Current Location
Single Write to Random Location
This sequence (Figure 27) begins with the master generating a start condition. The slave
address/data direction byte signals a write and is followed by the high then low bytes of
the register address that is to be written. The master follows this with the byte of write
data. The write is terminated by the master generating a stop condition.
Figure 27:
Single Write to Random Location
Slave Address
0
S
Sr
A Reg Address[15:8]
A
Read Data
Read Data
A
Reg Address[7:0]
A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
A
1
A
A
Read Data
Read Data
M+L-2
M+L-1
M+L
A S
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
A
Read Data
Slave Address
A
A
1
Read Data
A S
S
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
Write Data
P
Previous Reg Address, N
Reg Address, M
M+1
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com