Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS260 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 37Page - ON Semiconductor AS260 Datasheet HTML 38Page - ON Semiconductor AS260 Datasheet HTML 39Page - ON Semiconductor AS260 Datasheet HTML 40Page - ON Semiconductor AS260 Datasheet HTML 41Page - ON Semiconductor AS260 Datasheet HTML 42Page - ON Semiconductor AS260 Datasheet HTML 43Page - ON Semiconductor AS260 Datasheet HTML 44Page - ON Semiconductor AS260 Datasheet HTML 45Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
41
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Electrical Specifications
Notes:
1. VIH/VIL restrictions apply.
Table 25:
AC Electrical Characteristics
EXTCLK = 24 MHz; REG_IN0 = VDD_PHY = 1.8V; VDD_IO = VAA = VAA_PIX = 2.8V; TJ = 25°C unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note
s
fEXTCLK
External clock frequency
6
54
MHz
1
DEXTCLK
External input clock duty cycle
40
50
60
%
tJITTER
External input clock jitter
–
500
–
ps
fPIXCLK
Pixel clock frequency
6
96
MHz
tRPIXCLK
Pixel clock rise time
CLOAD =25pf
–
4
ns
tFPIXCLK
Pixel clock fall time
CLOAD =25pf
–
4
ns
tPD
PIXCLK to data valid
–
21
0.1 *
tPIXCLK
ns
tPFH
PIXCLK to FV HIGH
–
21
0.1 *
tPIXCLK
ns
tPFL
PIXCLK to FV LOW
–
21
0.1 *
tPIXCLK
ns
tPLH
PIXCLK to LV HIGH
–
21
0.1 *
tPIXCLK
ns
tPLL
PIXCLK to LV LOW
–
21
0.1 *
tPIXCLK
ns
PIXCLK slew rate
Programmable Slew = 7
VDD_IO = 2.8V, CLOAD = 25pf
–
0.83
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.45
–
V/ns
Programmable Slew = 4
VDD_IO = 2.8V, CLOAD = 25pf
–
0.73
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.42
–
V/ns
Programmable Slew = 0
VDD_IO = 2.8V, CLOAD = 25pf
–
0.38
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.26
–
V/ns
Output slew rate
Programmable Slew = 7
VDD_IO = 2.8V, CLOAD = 25pf
–
0.70
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.39
–
V/ns
Programmable Slew = 4
VDD_IO = 2.8V, CLOAD = 25pf
–
0.67
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.31
–
V/ns
Programmable Slew = 0
VDD_IO = 2.8V, CLOAD = 25pf
–
0.35
–
V/ns
VDD_IO = 1.8V, CLOAD = 25pf
–
0.16
–
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com