Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280TO Datasheet(PDF) 7 Page - ON Semiconductor

Part # CMPWR280TO
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280TO Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CMPWR280TO Datasheet HTML 3Page - ON Semiconductor CMPWR280TO Datasheet HTML 4Page - ON Semiconductor CMPWR280TO Datasheet HTML 5Page - ON Semiconductor CMPWR280TO Datasheet HTML 6Page - ON Semiconductor CMPWR280TO Datasheet HTML 7Page - ON Semiconductor CMPWR280TO Datasheet HTML 8Page - ON Semiconductor CMPWR280TO Datasheet HTML 9Page - ON Semiconductor CMPWR280TO Datasheet HTML 10Page - ON Semiconductor CMPWR280TO Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CMPWR280
http://onsemi.com
7
VCC Load Transient Response is shown in V for a step
load from 15 mA to 1500 mA. An overshoot of
approximately 300 mV is observed, before settling within
3
ms.
Figure 7. VCC Load Transient Response
VSBY Load Transient Response is shown in V is shown
for a step load from 5 mA to 375 mA. An overshoot of
approximately 100 mV is observed, before settling within
1
ms.
Figure 8. VSBY Load Transient Response
Cold Start and Full Power Down Modes
Figure 9. VCC Cold Start
Figure 10. VCC Full Power−Down
Figure 11. VSBY Cold Start
Figure 12. VSBY Full Power−Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com