Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280TO Datasheet(PDF) 9 Page - ON Semiconductor

Part # CMPWR280TO
Description  Dual Input SmartOR POWER Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR280TO Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CMPWR280TO Datasheet HTML 3Page - ON Semiconductor CMPWR280TO Datasheet HTML 4Page - ON Semiconductor CMPWR280TO Datasheet HTML 5Page - ON Semiconductor CMPWR280TO Datasheet HTML 6Page - ON Semiconductor CMPWR280TO Datasheet HTML 7Page - ON Semiconductor CMPWR280TO Datasheet HTML 8Page - ON Semiconductor CMPWR280TO Datasheet HTML 9Page - ON Semiconductor CMPWR280TO Datasheet HTML 10Page - ON Semiconductor CMPWR280TO Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CMPWR280
http://onsemi.com
9
TYPICAL THERMAL CHARACTERISTICS
Thermal dissipation of junction heat consists primarily of
two paths in series. The first path is the junction to the case
(
qJC) thermal resistance which is defined by the package
style, and the second path is the case to ambient (
qCA)
thermal resistance, which is dependent on board layout.
The overall junction to ambient (
qJA) thermal resistance
is equal to:
qJA + qJC ) qCA
For a given package style and board layout, the operating
junction temperature is a function of junction power
dissipation PJUNC, and the ambient temperature, resulting in
the following thermal equation:
TJUNC + TAMB ) PJUNC(qJC) ) PJUNC(qCA)
+ TAMB ) PJUNC(qJA)
The CMPWR280TO is housed in a TO−263 5−lead
package, which provides a
qJC of 3C/W. The ground tab is
soldered down to the PCB. When the device is mounted on
a double−sided printed circuit board with two square inches
of copper allocated for “heat spreading”, the resulting
qJA is
25C/W.
Based on a maximum power dissipation of 2.85 W
(1.9 V x 1.5 A) with an ambient of 70C the resulting
junction temperature will be:
TJUNC + TAMB ) PJUNC(qJA)
+ 70° C ) 2.85 W (25° C W)
+ 70° C ) 71° C + 141° C
All thermal characteristics of the CMPWR280TO were
measured using a double−sided board with two square
inches of copper area connected to the GND pins for “heat
spreading”.
Measurements showing performance up to junction
temperature of 125C were performed under light load
conditions (5 mA). This allows the ambient temperature to
be representative of the internal junction temperature.
NOTE: The use of multi−layer board construction with
power planes will further enhance the thermal
performance of the package. In the event of no
copper area being dedicated for heat spreading,
a multi−layer board construction will typically
provide the CMPWR280TO with an overall
qJA
of 25C/W which allows up to 2.5 W to be
safely dissipated.
Output Voltage vs. Temperature. Output Voltage vs.
Temperature shows the regulator VOUT performance up to
the maximum rated junction temperature. The overall 125C
variation in junction temperature causes an output voltage
change of about 25 mV.
Figure 19. Output Voltage vs. Temperature
Output Voltage (Rated) vs. Temperature. Output
Voltage (Rated) vs. Temperature shows the regulator steady
state performance when fully loaded (1.5 A) in an ambient
temperature up to the rated maximum of 70C. The output
variation at maximum load is approximately 13 mV across
the normal temperature range.
Figure 20. Output Voltage (Rated) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com