Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3972 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS3972
Description  1.25A High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3972 Datasheet(HTML) 2 Page - ON Semiconductor

  CS3972 Datasheet HTML 1Page - ON Semiconductor CS3972 Datasheet HTML 2Page - ON Semiconductor CS3972 Datasheet HTML 3Page - ON Semiconductor CS3972 Datasheet HTML 4Page - ON Semiconductor CS3972 Datasheet HTML 5Page - ON Semiconductor CS3972 Datasheet HTML 6Page - ON Semiconductor CS3972 Datasheet HTML 7Page - ON Semiconductor CS3972 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range ........................................................................................................................................................3V to 60V
Output Switching Voltage.........................................................................................................................................................75V
Voltage Transient (tr=10µs, tf=400ms) ......................................................................................................................................60V
ESD (Human Body Model; R=1.5k
Ω, C=100pF) ...................................................................................................................2kV
Junction Temperature Range...............................................................................................................................-40°C to +150°C
Storage Temperature Range ................................................................................................................................-65°C to +150°C
Lead Temperature Soldering
Wave Solder (through hole styles only)......................................................................................10 sec. max, 260°C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183°C, 230°C peak
Feedback Pin Voltage (1ms transient)...................................................................................................................................±15V
Electrical Characteristics: For 3V≤VCC≤60V, -40°C≤TA≤125°C unless otherwise specified.
s
Reference Voltage
VC=0.8V; VFB=VREF
1.214
1.244
1.274
V
Line Regulation
VC=0.8V; VFB=VREF, 3V≤VIN≤60V
0.03
%/V
Feedback Input Current
VC=0.8V; VFB=VREF
350
1100
nA
Minimum Input Voltage
VC=VFB=VREF
2.6
3.0
V
Supply Current
VC=0.6V; 3V≤VIN≤60V
6.0
9.0
mA
Supply Current Increase
during switch on time
VC=open, 1.0V≤VFB≤1.5V
25
mA/A
Switching Frequency
VC=VFB=VREF; VSW=15V
33
40
47
kHz
Maximum Duty Cycle
VC=2V; VFB=open, VSW=15V
92
%
VC Threshold
VFB=open; VSW =15V,
0.60
0.90
1.25
V
duty cycle=0%
s Error Amplifier
Transconductance
VC=0.8V; VFB=VREF, ∆IC=±25µA
2400
4400
7000
µmho
Source/Sink Current
VC=1.5V
120
200
400
µA
High Voltage Clamp
VFB=1.0V
2.0
V
Low Voltage Clamp
VFB=1.5V
0.38
V
Gain
0.9V
≤V
C≤1.4V, VFB=VREF
800
V/V
s Output Switch
Breakdown Voltage
VC=0.5V; 3V≤VIN≤60V, IOUT=5mA
75
90
V
On Resistance
VC=open, VFB=0.8V, IOUT=1.25A
0.6
1.0
Ω
Control Voltage to Switch
1.2V
≤V
C≤1.8V
2
A/V
Current Transconductance
Current Limit
Duty Cycle
≤50%, T
J≥25°C
1.25
3.00
A
Duty Cycle
≤50%, T
J<25°C
1.25
3.50
A
Duty Cycle=80%
1.00
2.50
A
Duty Cycle=80% (Note 1)
0.50
2.50
A
Note 1: 16 lead SO wide package only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com