Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3972 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3972
Description  1.25A High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3972 Datasheet(HTML) 1 Page - ON Semiconductor

  CS3972 Datasheet HTML 1Page - ON Semiconductor CS3972 Datasheet HTML 2Page - ON Semiconductor CS3972 Datasheet HTML 3Page - ON Semiconductor CS3972 Datasheet HTML 4Page - ON Semiconductor CS3972 Datasheet HTML 5Page - ON Semiconductor CS3972 Datasheet HTML 6Page - ON Semiconductor CS3972 Datasheet HTML 7Page - ON Semiconductor CS3972 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
1.25A High Efficiency Switching Regulator
CS3972
Description
Block Diagram
Features
s
75VMAX, 2APEAK Internal
Switch
s
3V to 60V Input Voltage
Range
s
6mA Input Supply
Current
s
1.24V Precision Reference
s
40kHz Switching
Frequency
s
Variable Current Limit
with External Voltage
Clamp
s
Under-Voltage Protection
s
Over-Temperature
Protection
s
External Synchronization
Package Options
5L TO-220
Tab (Gnd)
8L PDIP
1
Gnd
VC
VFB
NC
E2
VSW
E1
VIN
1
1VC
2VFB
3 Gnd
4VSW
5VIN
16L SO Wide
1
Gnd
NC
NC
NC
NC
VIN
E1
VSW
E2
VC
VFB
NC
NC
NC
NC
NC
December, 2001 - Rev. 9
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS3972 is a 1.25A, 60V, current
mode, high efficiency, switching
regulator circuit. It can be config-
ured in buck, boost, forward, iso-
lated and non-isolated topologies,
using a single-ended switch.
The IC contains a 1.25A high effi-
ciency output switch, precision
bandgap reference, voltage regula-
tor, error amplifier, oscillator, con-
trol, and protection circuitry.
Output transistor efficiency is
achieved by keeping the switch in
quasi-saturation when it is on. This
minimizes the switch turn-off
delay time and power dissipation,
an important consideration for
applications with wide ranging
loads.
The precision reference is internally
trimmed to 1.24V, while the oscilla-
tor frequency is internally trimmed
to 40kHz. The on board 2.3V regu-
lator powers the internal circuitry.
By keeping the voltage regulator at
2.3V, the IC is able to operate down
to 3V and maintain a constant input
supply current of 6mA(typ).
Synchronization mode is achieved
by applying a pulsating VC voltage
of less than 0.2V with a duration of
about 0.5µs to VC pin. The switch-
ing frequency can be adjusted from
50kHz to 70kHz. The IC's synchro-
nization mode is set externally.
Protection circuitry includes a vari-
able current limit with external
voltage clamp, under-voltage and
over-temperature protection.
Output
Protection
Driver
2.3V
Reg
Logic
40kHz
OSC
Error
Amp
-
+
1.24V
Ref
Current
Amp
-
+
VSW
VC
VIN
VFB
0.22
Ω
0.22
Ω
COMP
E1*
E2*
Gnd
*Always connect E1 to Ground Pin on DIP package. Both emitters are tied to ground on TO-220 Package.
1.25A,
75V
Switch
-
+


Similar Part No. - CS3972

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
CS3972YDW16 CHERRY-CS3972YDW16 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
CS3972YDWR16 CHERRY-CS3972YDWR16 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
CS3972YN8 CHERRY-CS3972YN8 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
CS3972YT5 CHERRY-CS3972YT5 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
More results

Similar Description - CS3972

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Linear Technology
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com