Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M4E9DJS Datasheet(PDF) 1 Page - Micron Technology

Part # MT4LC4M4E9DJS
Description  4 MEG x 4 EDO DRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E9DJS Datasheet(HTML) 1 Page - Micron Technology

  MT4LC4M4E9DJS Datasheet HTML 1Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 2Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 3Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 4Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 5Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 6Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 7Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 8Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
1
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
4 MEG x 4 EDO DRAM PART NUMBERS
PART NUMBER
Vcc
REFRESH
PACKAGE
REFRESH
MT4LC4M4E8DJ
3.3V
2K
SOJ
Standard
MT4LC4M4E8DJS
3.3V
2K
SOJ
Self
MT4LC4M4E8TG
3.3V
2K
TSOP
Standard
MT4LC4M4E8TGS
3.3V
2K
TSOP
Self
MT4LC4M4E9DJ
3.3V
4K
SOJ
Standard
MT4LC4M4E9DJS
3.3V
4K
SOJ
Self
MT4LC4M4E9TG
3.3V
4K
TSOP
Standard
MT4LC4M4E9TGS
3.3V
4K
TSOP
Self
MT4C4M4E8DJ
5V
2K
SOJ
Standard
MT4C4M4E8DJS
5V
2K
SOJ
Self
MT4C4M4E8TG
5V
2K
TSOP
Standard
MT4C4M4E8TGS
5V
2K
TSOP
Self
MT4C4M4E9DJ
5V
4K
SOJ
Standard
MT4C4M4E9DJS
5V
4K
SOJ
Self
MT4C4M4E9TG
5V
4K
TSOP
Standard
MT4C4M4E9TGS
5V
4K
TSOP
Self
MT4LC4M4E8, MT4C4M4E8
MT4LC4M4E9, MT4C4M4E9
DRAM
FEATURES
• Industry-standard x4 pinout, timing, functions and
packages
• State-of-the-art, high-performance, low-power CMOS
silicon-gate process
• Single power supply (+3.3V
±0.3V or +5V ±10%)
• All inputs, outputs and clocks are TTL-compatible
• Refresh modes: RAS#-ONLY, HIDDEN and CAS#-
BEFORE-RAS# (CBR)
• Optional Self Refresh (S) for low-power data retention
• 11 row, 11 column addresses (2K refresh) or
12 row, 10 column addresses (4K refresh)
• Extended Data-Out (EDO) PAGE MODE access cycle
• 5V-tolerant inputs and I/Os on 3.3V devices
OPTIONS
MARKING
• Voltages
3.3V
LC
5V
C
• Refresh Addressing
2,048 (i.e. 2K) Rows
E8
4,096 (i.e. 4K) Rows
E9
• Packages
Plastic SOJ (300 mil)
DJ
Plastic TSOP (300 mil)
TG
• Timing
50ns access
-5
60ns access
-6
• Refresh Rates
Standard Refresh
None
Self Refresh (128ms period)
S
• Part Number Example: MT4LC4M4E8DJ-6
Note:
The 4 Meg x 4 EDO DRAM base number differentiates the offerings in
two places - MT4LC4M4E8. The third field distinguishes the low voltage
offering: LC designates VCC = 3.3V and C designates VCC = 5V. The fifth field
distinguishes various options: E8 designates a 2K refresh and E9 designates a
4K refresh for EDO DRAMs.
PIN ASSIGNMENT (Top View)
24/26-Pin SOJ
(DA-2)
VCC
DQ1
DQ2
WE#
RAS#
*NC/A11
A10
A0
A1
A2
A3
VCC
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
VSS
DQ4
DQ3
CAS#
OE#
A9
A8
A7
A6
A5
A4
VSS
VCC
DQ1
DQ2
WE#
RAS#
*NC/A11
A10
A0
A1
A2
A3
VCC
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
VSS
DQ4
DQ3
CAS#
OE#
A9
A8
A7
A6
A5
A4
VSS
24/26-Pin TSOP
(DB-2)
* NC on 2K refresh and A11 on 4K refresh options.
GENERAL DESCRIPTION
The 4 Meg x 4 DRAM is a randomly accessed, solid-state
memory containing 16,777,216 bits organized in a x4 con-
figuration. RAS# is used to latch the row address (first 11
bits for 2K and first 12 bits for 4K). Once the page has been
opened by RAS#, CAS# is used to latch the column address
KEY TIMING PARAMETERS
SPEED
tRC
tRAC
tPC
tAA
tCAC
tCAS
-5
84ns
50ns
20ns
25ns
13ns
8ns
-6
104ns
60ns
25ns
30ns
15ns
10ns
Note:
The “#” symbol indicates signal is active LOW.


Similar Part No. - MT4LC4M4E9DJS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4A1 MICRON-MT4LC4M4A1 Datasheet
360Kb / 20P
DRAM
MT4LC4M4A1DJ-6 MICRON-MT4LC4M4A1DJ-6 Datasheet
360Kb / 20P
DRAM
MT4LC4M4A1DJ-6S MICRON-MT4LC4M4A1DJ-6S Datasheet
360Kb / 20P
DRAM
MT4LC4M4A1TG-6 MICRON-MT4LC4M4A1TG-6 Datasheet
360Kb / 20P
DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
DRAM
More results

Similar Description - MT4LC4M4E9DJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
4 MEG x 16 EDO DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
1 MEG x 4 DRAM
MT4C4007J MICRON-MT4C4007J Datasheet
992Kb / 14P
1 MEG x 4 DRAM 5V, EDO PAGE MODE, OPTIONAL SELF REFRESH
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
Micron Technology
MT9LD272A MICRON-MT9LD272A Datasheet
412Kb / 30P
2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
4 MEG x 16 DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
1 MEG x 4 DRAM Fast Page Mode DRAM
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com