Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M4B1 Datasheet (PDF) - Micron Technology

MT4LC4M4B1 Datasheet PDF - Micron Technology
Part # MT4LC4M4B1
Download  MT4LC4M4B1 Download
File Size   360.23 Kbytes
Page   20 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC4M4B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT4LC4M4B1 Datasheet PDF - Micron Technology

Part # MT4LC4M4B1
Download  MT4LC4M4B1 Click to download

File Size   360.23 Kbytes
Page   20 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC4M4B1 Datasheet (HTML) - Micron Technology


MT4LC4M4B1 Product details

GENERAL DESCRIPTION
The 4 Meg x 4 DRAM is a randomly accessed, solidstate memory containing 16,777,216 bits organized in a x4 configuration. RAS# is used to latch the row address (first 11 bits for 2K and first 12 bits for 4K). Once the page has been opened by RAS#, CAS# is used to latch the column address (the latter 11 bits for 2K and the latter 10 bits for 4K; address pins A10 and A11 are “Don’t Care”).

FEATURES
• Industry-standard x4 pinout, timing, functions, and packages
• High-performance, low-power CMOS silicon-gate process
• Single power supply (+3.3V ±0.3V or +5V ±0.5V)
• All inputs, outputs and clocks are TTL-compatible
• Refresh modes: RAS#-ONLY, HIDDEN and CAS#- BEFORE-RAS# (CBR)
• Optional self refresh (S) for low-power data retention
• 11 row, 11 column addresses (2K refresh) or 12 row, 10 column addresses (4K refresh)
• FAST-PAGE-MODE (FPM) access
• 5V tolerant inputs and I/Os on 3.3V devices




Similar Part No. - MT4LC4M4B1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
MT4LC4M4E8DJ MICRON-MT4LC4M4E8DJ Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
MT4LC4M4E8DJS MICRON-MT4LC4M4E8DJS Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
MT4LC4M4E8TG MICRON-MT4LC4M4E8TG Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
MT4LC4M4E8TGS MICRON-MT4LC4M4E8TGS Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
More results


Similar Description - MT4LC4M4B1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
DRAM
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
DRAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com