Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC8M8E1 Datasheet (PDF) - Micron Technology

MT4LC8M8E1 Datasheet PDF - Micron Technology
Part # MT4LC8M8E1
Download  MT4LC8M8E1 Download
File Size   382.2 Kbytes
Page   20 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC8M8E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT4LC8M8E1 Datasheet PDF - Micron Technology

Part # MT4LC8M8E1
Download  MT4LC8M8E1 Click to download

File Size   382.2 Kbytes
Page   20 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC8M8E1 Datasheet (HTML) - Micron Technology


MT4LC8M8E1 Product details

GENERAL DESCRIPTION
The 8 Meg x 8 DRAMs are high-speed CMOS, dynamic random-access memory devices containing 67,108,864 bits organized in a x8 configuration. The 8 Meg x 8 DRAMs are functionally organized as 8,388,608 locations containing eight bits each.

FEATURES
• Single +3.3V ±0.3V power supply
• Industry-standard x8 pinout, timing, functions, and packages
• 13 row, 10 column addresses (E1) or 12 row, 11 column addresses (B6)
• High-performance CMOS silicon-gate process
• All inputs, outputs and clocks are LVTTLcompatible
• FAST PAGE MODE (FPM) access
• 4,096-cycle CAS#-BEFORE-RAS# (CBR) REFRESH distributed across 64ms
• Optional self refresh (S) for low-power data retention




Similar Part No. - MT4LC8M8E1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8C2DJ-5 MICRON-MT4LC8M8C2DJ-5 Datasheet
397Kb / 22P
DRAM
MT4LC8M8C2DJ-6 MICRON-MT4LC8M8C2DJ-6 Datasheet
397Kb / 22P
DRAM
MT4LC8M8C2TG-5 MICRON-MT4LC8M8C2TG-5 Datasheet
397Kb / 22P
DRAM
MT4LC8M8C2TG-6 MICRON-MT4LC8M8C2TG-6 Datasheet
397Kb / 22P
DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
DRAM
More results


Similar Description - MT4LC8M8E1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
DRAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com