Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT4LC4M16R6 Datasheet (PDF) - Micron Technology

MT4LC4M16R6 Datasheet PDF - Micron Technology
Part # MT4LC4M16R6
Download  MT4LC4M16R6 Download
File Size   474.53 Kbytes
Page   24 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC4M16R6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT4LC4M16R6 Datasheet PDF - Micron Technology

Part # MT4LC4M16R6
Download  MT4LC4M16R6 Click to download

File Size   474.53 Kbytes
Page   24 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DRAM

MT4LC4M16R6 Datasheet (HTML) - Micron Technology


MT4LC4M16R6 Product details

GENERAL DESCRIPTION
The 4 Meg x 16 DRAM is a high-speed CMOS, dynamic random-access memory device containing 67,108,864 bits and designed to operate from 3V to 3.6V. The device is functionally organized as 4,194,304 locations containing 16 bits each. The 4,194,304 memory locations are arranged in 4,096 rows by 1,024 columns on the MT4LC4M16R6 or 8,192 rows by 512 columns on the MT4LC4M16N3.

FEATURES
• Single +3.3V ±0.3V power supply
• Industry-standard x16 pinout, timing, functions, and package
• 12 row, 10 column addresses (R6) 13 row, 9 column addresses (N3)
• High-performance CMOS silicon-gate process
• All inputs, outputs and clocks are LVTTL-compatible
• Extended Data-Out (EDO) PAGE MODE access
• 4,096-cycle CAS#-BEFORE-RAS# (CBR) REFRESH distributed across 64ms
• Optional self refresh (S) for low-power data retention




Similar Part No. - MT4LC4M16R6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6TG-5 MICRON-MT4LC4M16R6TG-5 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6TG-5S MICRON-MT4LC4M16R6TG-5S Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6TG-6 MICRON-MT4LC4M16R6TG-6 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6TG-6S MICRON-MT4LC4M16R6TG-6S Datasheet
413Kb / 24P
DRAM
More results


Similar Description - MT4LC4M16R6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
DRAM
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
DRAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com