Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCDN608 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FCDN608
Description  1-Channel ESD Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN608 Datasheet(HTML) 2 Page - ON Semiconductor

  FCDN608 Datasheet HTML 1Page - ON Semiconductor FCDN608 Datasheet HTML 2Page - ON Semiconductor FCDN608 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FCDN608−UBM
http://onsemi.com
2
Table 1. PIN DESCRIPTIONS
FCDN608−UBM (Schematic and Top View)
Designation
Schematic
Top View
Metal Composition
1
Signal Node
Wirebond Pad
Al
2
Signal Node
DAP
Cu
3
Reference Node
Test Point
−
4
Reference Node
N/A
Bare Silicon
Table 2. ORDERING INFORMATION
Ordering Part Number
DAP (Die Attach Pad)
Backside Metal
BG Thickness
Shipping Method
FCDN608−UBM
Cu (Copper)
Bare Silicon
10 mils
Wafer Form
SPECIFICATIONS
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Junction Temperature Range
−40 to +150
C
Storage Junction Temperature Range
−65 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Junction Temperature Range
−40 to +150
C
Table 5. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILEAK
Leakage Current
V = 5 V, 25C
V = −10 V, 25C
V = 5 V, 150C
+0.35
−0.35
4.0
mA
mA
mA
VCL
Clamp Voltage on Signal Node
Positive Polarity
Negative Polarity
TA = 25C
at 10 mA
at −10 mA
+5
−14
+7
−11.5
+9
−10
V
VESD
ESD Protection − Withstand Voltage:
Human Body Model
(MIL−STD−883, Method 3015)
TA = 25C
15
kV
VCL_ESD
Clamping Voltage on Signal Node for Transients
Positive Polarity
Negative Polarity
IPP = 1 A, tP = 8/20 ms
Positive Transients
Negative Transients
+7
−12
V
RDYN
Dynamic Resistance
RDYN+
RDYN−
IPP = 1 A, tP = 8/20 ms
Positive Transients
Negative Transients
0.2
0.4
W
CIN
Input Capacitance
At 1 MHz, 30 mV osc. Level,
0 VDC Bias (Note 2)
At 1 MHz, 30 mV osc. Level,
3 VDC Bias
175
120
pF
1. Operating characteristics are over standard operating conditions unless otherwise specified.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com