Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCDN608 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FCDN608
Description  1-Channel ESD Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN608 Datasheet(HTML) 3 Page - ON Semiconductor

  FCDN608 Datasheet HTML 1Page - ON Semiconductor FCDN608 Datasheet HTML 2Page - ON Semiconductor FCDN608 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FCDN608−UBM
http://onsemi.com
3
MECHANICAL DETAILS
Table 6. MECHANICAL SPECIFICATIONS
Parameter
Condition
Units
Composition
Silicon Wafer,
n+ Doped
Die Shape
Rectangular
Length (Stepping Size)
1560
mm
Width (Stepping Size)
1160
mm
BG Thickness
10
mils
Saw Street Widths (Space
between Devices on Wafer)
(Note 1)
40 (X−Direction)
40 (Y−Direction)
mm
Die Attach Pad Length
1000
mm
Die Attach Pad Width
1000
mm
Die Attach Pad (DAP)
Cu (Copper)
Backside Metal
Bare Silicon
1. The saw street is defined as the passivation−free area between
devices.
Figure 2. Die Dimensions
+
Test Pad Opening
90 mm x 90 mm
Reflective Surface
1100 mm x 1.500 mm
Submount
Pitch (Solid
Line Area)
1560 mm x
1160 mm
Stepping Size
50 mm
50 mm
Soldable DAP
1000 mm x 1000 mm
250 mm
250 mm
Figure 3. Die−Array on Wafer
+
+
+
+
Passivation−Free
Saw Street: 40 mm
Passivation−Free
Saw Street: 40 mm
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
FCDN608−UBM/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com