Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52175 Datasheet(PDF) 2 Page - Micropac Industries

Part # 52175
Description  POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52175 Datasheet(HTML) 2 Page - Micropac Industries

  52175 Datasheet HTML 1Page - Micropac Industries 52175 Datasheet HTML 2Page - Micropac Industries 52175 Datasheet HTML 3Page - Micropac Industries 52175 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/13/01
2
52150/52175
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
ELECTRICAL CHARACTERISTICS
TJ = 25ºC, VIN = 10 V and IOUT = -2.0A unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note 4)
VOUT
IOUT = 2.0A,
VIN = VOUT + 3.5V
5.0
24
V
Line Regulation (Note 2)
∆VOUT
VIN = 7.5 to 25V
0.2%
1%
V
Load Regulation (Note 2)
∆VOUT
10mA
≤ IOUT ≤ 5.0A
0.2%
1%
V
Quiescent Current
IQ
IOUT = 0
3.4
10
mA
Ripple Rejection
RR
IOUT = 1.0A,
f = 210Hz, 5.0V pk-pk
60
dB
Output Noise
Vn
10Hz
≤ f ≤ 100 kHz
VIN = VOUT + 5.0V
50
µVRMS
Dropout Voltage (Note 5)
VDD
IOUT = 5.0A
IOUT = 3.0A
2.3
2.0
2.5
2.3
V
V
Short-Circuit Current
Limit
IOS
VIN = 15V, VOUT = 5V
7.0
12.0
A
Control Pin Voltage
VC
4.85
5.0
5.25
V
NOTES:
1. This voltage regulator offers output transistor safe-area protection. However, to maintain full protection, the
device must be operated within the maximum input-to-output voltage differential rating listed on the data sheet
under “Absolute Maximum Ratings”. For applications violating these limits, device will not be fully protected.
2. Load and line regulation are specified at constant junction temperature. Pulse testing is required with a pulse
width
≤ 1 ms and a duty cycle ≤ 5%. Full Kelvin connection methods must be used to measure these parameters.
3. The performance characteristics of the adjustable series (78HGA) is specified for VOUT = 5.0 V, unless otherwise
noted.
4. VOUT is defined as VOUT = R1+ R2 (VCONT) where R1 and R2 are defined in the Basic Test Circuit diagram.
R2
5. Dropout Voltage is the input-output voltage differential that causes the output voltage to decrease by 5% of its
initial value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com