Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52175 Datasheet (PDF) - Micropac Industries

52175 Datasheet PDF - Micropac Industries
Part # 52175
Download  52175 Download
File Size   114.94 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR

52175 Datasheet (PDF)

Go To PDF Page Download Datasheet
52175 Datasheet PDF - Micropac Industries

Part # 52175
Download  52175 Click to download

File Size   114.94 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR

52175 Datasheet (HTML) - Micropac Industries


52175 Product details

DESCRIPTION
The 52150/52175, which is a replacement for the 78HGA, is an adjustable 4-terminal positive voltage regulator capable of supplying in excess of 5.0 A over a 5.0 V to 24 V output range. Only two external resistors are required to set the output voltage. It is packaged in a hermetically sealed TO-3, and provides 50W power dissipation. The regulator consists of a monolithic chip driving a discrete series-pass element. A beryllium-oxide substrate is used in conjunction with an isothermal layout to optimize the thermal characteristics of each device and still maintain electrical isolation between the various chips. This unique circuit design limits the maximum junction temperature of the power output transistor to provide full automatic thermal overload protection. If the safe operating area is ever exceeded (Note 1), the device simply shuts down rather than fail or damage other system components. This feature eliminates the need to design costly regulators built from discrete components.

Features:
• Replacement for 78HGA
• 5.0 A Output Current
• Internal Current And Thermal Limiting
• Internal Short Circuit Current Limit
• Low Drop-Out Voltage (Typically 2.3 V @ 5.0 A)
• 50W Power Dissipation
• Electrically Isolated Case
• Steel TO-3 Case

Applications:
• Designed for use in general purpose applications where adjustability is advantageous.
• Military and Hi Rel Industrial applications where hermeticity is required.




Similar Part No. - 52175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5217 ETC2-5217 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5217 KEYSTONE-5217 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Hutchinson Paulstra
521705 PAULSTRA-521705 Datasheet
190Kb / 4P
RADIAFLEX
521710 PAULSTRA-521710 Datasheet
190Kb / 4P
RADIAFLEX
logo
Meder Electronic
5217103000 MEDER-5217103000 Datasheet
132Kb / 1P
OPT COUPLER
More results


Similar Description - 52175

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52149 MICROPAC-52149 Datasheet
112Kb / 3P
NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
Positive Adjustable 5-Amp Voltage Regulator
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com